Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER108GA0G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER108GA0G
Description  Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER108GA0G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER108GA0G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER108GA0G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER108GA0G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER108GA0G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated chip junction
- High current capability, Low VF
- High reliability
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
Trr
ns
Cj
pF
TJ
OC
TSTG
OC
Document Number: DS_D1407033
Version: I14
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
15
10
Typical thermal resistance
RθJC
RθJA
15
60
OC/W
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Maximum reverse current @ rated VR TJ=25
oC
TJ=125
oC
IR
5
μA
150
Typical junction capacitance (Note 3)
Maximum reverse recovery time (Note 2)
50
75
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
V
1.0
1.3
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
1
HER
106G
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
HER
101G
HER
102G
HER
103G
HER
104G
HER
105G
HER
107G
HER
108G
HER101G thru HER108G
Taiwan Semiconductor
Glass Passivated High Efficient Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
1.7
MECHANICAL DATA
Case:
DO-204AL (DO-41)
DO-204AL (DO-41)
Weight:
0.33 g (approximately)


Similar Part No. - HER108GA0G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
HER108GA-G COMCHIP-HER108GA-G Datasheet
88Kb / 4P
   High Efficiency Rectifiers
More results

Similar Description - HER108GA0G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER3001G GOOD-ARK-HER3001G Datasheet
155Kb / 2P
   Glass Passivated High Efficient Rectifiers
HER151G GOOD-ARK-HER151G Datasheet
182Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A_14 Datasheet
381Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
1H1G GOOD-ARK-1H1G Datasheet
186Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER3001PT TSC-HER3001PT_14 Datasheet
392Kb / 4P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com