Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER156G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # HER156G
Description  1.5A, 50V - 1000V Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER156G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  HER156G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER156G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER156G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER156G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.60
3.60
0.102
0.142
B
0.70
0.90
0.028
0.035
C
25.40
-
1.000
-
D
5.80
7.60
0.228
0.299
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D0000069
Version: G15
MARKING DIAGRAM
DO-204AC (DO-15)
HER151G - HER158G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0
25
50
75
100
125
150
175
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
HER156G-HER158G
HER151G-HER155G


Similar Part No. - HER156G

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
HER156G JGD-HER156G Datasheet
164Kb / 2P
   1.5 AMPS. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Rugao Dachang Electroni...
HER156G DACHANG-HER156G Datasheet
160Kb / 2P
   Plastic High-Efficiency Rectifiers
logo
Taiwan Semiconductor Co...
HER156G TSC-HER156G Datasheet
68Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
logo
Jinan Jing Heng Electro...
HER156G JINGHENG-HER156G Datasheet
62Kb / 2P
   HIGH EFFICIENCY RECTIFIER
logo
Taiwan Semiconductor Co...
HER156G TSC-HER156G Datasheet
267Kb / 2P
   1.5 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER156G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER101SG TSC-HER101SG_15 Datasheet
385Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifiers
logo
Taiwan Memory Technolog...
HDBL101G TMT-HDBL101G_16 Datasheet
370Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
HDBLS101G TMT-HDBLS101G_16 Datasheet
406Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Bridge Rectifiers
logo
Taiwan Semiconductor Co...
FR151G TSC-FR151G_15 Datasheet
386Kb / 4P
   1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
HER157G-K TSC-HER157G-K Datasheet
399Kb / 6P
   1.5A, 800V - 1000V Glass Passivated High Efficient Rectifier
HT11G-K TSC-HT11G-K Datasheet
421Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
HER301G-K TSC-HER301G-K Datasheet
432Kb / 7P
   3A, 50V - 1000V Glass Passivated High Efficient Rectifier
HER101G-K TSC-HER101G-K Datasheet
412Kb / 7P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifier
HER151G-T TSC-HER151G-T Datasheet
408Kb / 6P
   1.5A, 50V - 600V Glass Passivated High Efficient Rectifier
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com