Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S300G-11D-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-S300G-11D-XX
Description  76.00mm (3.0) Single digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S300G-11D-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-S300G-11D-XX Datasheet HTML 1Page - BetLux Electronics BL-S300G-11D-XX Datasheet HTML 2Page - BetLux Electronics BL-S300G-11D-XX Datasheet HTML 3Page - BetLux Electronics BL-S300G-11D-XX Datasheet HTML 4Page - BetLux Electronics BL-S300G-11D-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S300X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
76.00mm (3.0”) Single digit numeric display series
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-S300G-11S-XX
BL-S300H-11S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
200
BL-S300G-11D-XX
BL-S300H-11D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
300
BL-S300G-11UR-XX
BL-S300H-11UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
320
BL-S300G-11E-XX
BL-S300H-11E-XX
Red
GaAsP/GaP
635
2.10
2.50
210
BL-S300G-11Y-XX
BL-S300H-11Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
210
BL-S300G-11G-XX
BL-S300H-11G-XX
Green
GaP/GaP
570
2.20
2.50
210
Ultra Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-S300G-11UHR-X
X
BL-S300H-11UHR-X
X
Ultra Red
AlGaInP
645
2.10
2.50
320
BL-S300G-11UE-XX
BL-S300H-11UE-XX
Ultra Red
AlGaInP
630
2.10
2.50
215
BL-S300G-11YO-XX
BL-S300H-11YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
215
BL-S300G-11UY-XX
BL-S300H-11UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
215
BL-S300G-11UG-XX
BL-S300H-11UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
300
BL-S300G-11PG-XX
BL-S300H-11PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
350
BL-S300G-11B-XX
BL-S300H-11B-XX
Ultra Blue
InGaN
470
2.70
4.20
250
BL-S300G-11W-XX
BL-S300H-11W-XX
Ultra White
InGaN
/
2.70
4.20
270
-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-S300G-11D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S300A-11 BETLUX-BL-S300A-11 Datasheet
367Kb / 5P
   76.00mm (3.0) Single digit Seven Segment LED display series
BL-S300A-11B BETLUX-BL-S300A-11B Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S300A-11D-0 BETLUX-BL-S300A-11D-0 Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S300A-11D-1 BETLUX-BL-S300A-11D-1 Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S300A-11D-10 BETLUX-BL-S300A-11D-10 Datasheet
105Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S300G-11D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S300C-13 BETLUX-BL-S300C-13 Datasheet
335Kb / 5P
   76.00mm (3.0) Single digit numeric display series
BL-S300C-12 BETLUX-BL-S300C-12 Datasheet
343Kb / 5P
   76.00mm (3.0) Single digit numeric display series
BL-S300A-13 BETLUX-BL-S300A-13 Datasheet
157Kb / 4P
   76.00mm (3.0) Single digit numeric display series
BL-S300A-12 BETLUX-BL-S300A-12 Datasheet
153Kb / 4P
   76.00mm (3.0) Single digit numeric display series
BL-S300C-11 BETLUX-BL-S300C-11 Datasheet
343Kb / 5P
   76.00mm (3.0) Single digit numeric display series
BL-S300A-11 BETLUX-BL-S300A-11 Datasheet
367Kb / 5P
   76.00mm (3.0) Single digit Seven Segment LED display series
logo
Ningbo Foryard Optoelec...
FYS-30011AX-00 FORYARD-FYS-30011AX-00 Datasheet
434Kb / 5P
   3.00 Inch (76.00mm) digit height Single Digit Display
logo
Rohm
LAP-401DN ROHM-LAP-401DN Datasheet
78Kb / 3P
   Single Digit LED Numeric Display
LA-401DN ROHM-LA-401DN_08 Datasheet
112Kb / 5P
   Single Digit LED Numeric Display
LAP-601BL ROHM-LAP-601BL Datasheet
176Kb / 4P
   Single Digit LED Numeric Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com