Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75106CW Datasheet(PDF) 6 Page - NEC

Part # UPD75106CW
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75106CW Datasheet(HTML) 6 Page - NEC

Back Button UPD75106CW Datasheet HTML 2Page - NEC UPD75106CW Datasheet HTML 3Page - NEC UPD75106CW Datasheet HTML 4Page - NEC UPD75106CW Datasheet HTML 5Page - NEC UPD75106CW Datasheet HTML 6Page - NEC UPD75106CW Datasheet HTML 7Page - NEC UPD75106CW Datasheet HTML 8Page - NEC UPD75106CW Datasheet HTML 9Page - NEC UPD75106CW Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
µPD75104, 75106, 75108
6
1.
PIN CONFIGURATION (Top View)
• 64-Pin Plastic Shrink DIP (750 mil)
P13/INT3
1
V32
V
64
33
SS
P12/INT2
P11/INT1
P10/INT0
PTH03
PTH02
PTH01
PTH00
TI0
TI1
P23
P22/PCL
2
3
4
5
6
7
8
9
10
11
12
P21 PTO1
13
P20 PTO0
14
P90
63
P91
62
P92
61
P93
60
P80
59
P81
58
P82
57
P83
56
P70
55
P71
54
P72
53
P73
52
P60
51
P03/SI
15
P61
50
P02/SO
16
P62
49
P01/SCK
17
P63
48
P00/INT4
18
X1
47
P123
19
X2
46
P122
20
RESET
45
P121
21
P50
44
P120
22
P51
43
P133
23
P52
42
P132
24
P53
41
P131
25
P40
40
P130
26
P41
39
P143
27
P42
38
P142
28
P43
37
P141
29
P30
36
P140
30
P31
35
NC
31
P32
34
DD
P33
51
P131
1
P41
64 63 62 61 60 59 58 57 56 55 54 53 52
20 21 22 23 24 25 26 27 28 29 30 31 32
50
P132
2
P40
49
P133
3
P53
48
P120
4
P52
47
P121
5
P51
46
P122
6
P50
45
P123
7
RESET
44
P00/INT4
8
X2
43
P01/SCK
9
X1
42
P02/SO
10
P63
41
P03/SI
11
P62
40
P20/PTO0
12
P61
39
P21/PTO1
13
P60
38
P22/PCL
14
P73
37
P23
15
P72
36
TI1
16
P71
35
TI0
17
P70
34
PTH00
18
P83
33
PTH01
19
P82
• 64-Pin Plastic QFP (14
× 20 mm)


Similar Part No. - UPD75106CW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75104 RENESAS-UPD75104 Datasheet
604Kb / 72P
   MOS INTEGRATED CIRCUIT
1989
logo
NEC
UPD75104A NEC-UPD75104A Datasheet
460Kb / 66P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75104A RENESAS-UPD75104A Datasheet
544Kb / 68P
   MOS INTEGRATED CIRCUIT
1989
logo
NEC
UPD75104AGC NEC-UPD75104AGC Datasheet
460Kb / 66P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75104AGC-XXX-AB8 RENESAS-UPD75104AGC-XXX-AB8 Datasheet
544Kb / 68P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD75106CW

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com