Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75116 Datasheet(PDF) 4 Page - NEC

Part # UPD75116
Description  4-Bit Single Chip-Microcomputer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75116 Datasheet(HTML) 4 Page - NEC

  UPD75116 Datasheet HTML 1Page - NEC UPD75116 Datasheet HTML 2Page - NEC UPD75116 Datasheet HTML 3Page - NEC UPD75116 Datasheet HTML 4Page - NEC UPD75116 Datasheet HTML 5Page - NEC UPD75116 Datasheet HTML 6Page - NEC UPD75116 Datasheet HTML 7Page - NEC UPD75116 Datasheet HTML 8Page - NEC UPD75116 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
µPD75112(A), 75116(A)
1. Pin Configuration (Top View)
64-Pin Plastic Shrink DIP (750 mil)
1
P13/INT3
2
P12/INT2
3
P11/INT1
4
P10/INT0
5
PTH03
6
PTH02
7
PTH01
8
PTH00
9
TI0
10
TI1
11
P23
12
P22/PCL
13
P21/PTO1
14
P20/PTO0
15
P03/SI
16
P02/SO
17
P01/SCK
18
P00/INT4
19
P123
20
P122
21
P121
22
P120
23
P133
24
P132
25
P131
26
P130
27
P143
28
P142
29
P141
30
P140
31
NC
32
VDD
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
VSS
P90
P91
P92
P93
P80
P81
P82
P83
P70
P71
P72
P73
P60
P61
P62
P63
X1
X2
RESET
P50
P51
P52
P53
P40
P41
P42
P43
P30
P31
P32
P33


Similar Part No. - UPD75116

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75116CW-XXX RENESAS-UPD75116CW-XXX Datasheet
667Kb / 74P
   4-Bit Single-Chip Microcomputer
1989
logo
NEC
UPD75116F NEC-UPD75116F Datasheet
549Kb / 78P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75116FGF NEC-UPD75116FGF Datasheet
549Kb / 78P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75116FGF-XXX-3BE RENESAS-UPD75116FGF-XXX-3BE Datasheet
610Kb / 80P
   MOS INTEGRATED CIRCUIT
1991
UPD75116GF-XXX-3BE RENESAS-UPD75116GF-XXX-3BE Datasheet
667Kb / 74P
   4-Bit Single-Chip Microcomputer
1989
More results

Similar Description - UPD75116

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com