Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1120 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1120
Description  Micropower Regulator with Comparator and Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120 Datasheet(HTML) 4 Page - Linear Technology

  LT1120 Datasheet HTML 1Page - Linear Technology LT1120 Datasheet HTML 2Page - Linear Technology LT1120 Datasheet HTML 3Page - Linear Technology LT1120 Datasheet HTML 4Page - Linear Technology LT1120 Datasheet HTML 5Page - Linear Technology LT1120 Datasheet HTML 6Page - Linear Technology LT1120 Datasheet HTML 7Page - Linear Technology LT1120 Datasheet HTML 8Page - Linear Technology LT1120 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1120
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
a device may be impaired.
TYPICAL PERFOR A CE CHARACTERISTICS
REGULATOR OUTPUT CURRENT (mA)
0.1
1
0.01
1
100
10
100
1000
1120 G02
0.1
10
TJ = –55°C TO 125°C
TEMPERATURE (
°C)
–50
–10
30
70
110
150
1120 G03
350
300
250
200
150
100
50
0
CURRENT LIMIT TIED TO GROUND
OUTPUT CURRENT (mA)
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
0.1
10
100
1000
1120 G01
1
PRELOAD = 100
µA
TJ = 125°C
TJ = 25°C
TJ = –55°C
Regulator Load Regulation
Supply Current
Regulator Short-Circuit Current
Dropout Voltage
TEMPERATURE (
°C)
70
80
90
100 110 120 130 140 150
100
10
1
1120 G05
RIPPLE FREQUENCY (Hz)
70
65
60
55
50
45
40
35
30
10
1k
10k
100k
1120 G06
100
IOUT = 100mA
IOUT = 1mA
VIN = 10VDC, 1VP–P
VOUT = 5V
COUT = 10µF
IOUT = 10mA
Regulator Minimum Load Current
Regulator Ripple Rejection
REGULATOR OUTPUT CURRENT (mA)
0.1
1
0.01
0.1
1
10
100
1000
1120 G04
∆VOUT = 100mV
Comparator
Offset Voltage
q
10
mV
Bias Current
VIN = 36V (Note 2)
q
15
60
nA
Gain
∆VOUT = 29V, RL = 20k
q
1000
V/V
Output Sink Current
VIN = 4.5V (Note 3)
q
510
mA
Leakage Current
VIN = 36V
q
8
µA
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
Note 2: TA > 85
°C, I bias maximum is 100nA.
Note 3: For TA ≤ –40°C output current sink drops to 2.5mA.


Similar Part No. - LT1120

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1120 LINER-LT1120 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
More results

Similar Description - LT1120

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Texas Instruments
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
[Old version datasheet]   40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com