Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1120 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1120
Description  Micropower Regulator with Comparator and Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1120 Datasheet(HTML) 5 Page - Linear Technology

  LT1120 Datasheet HTML 1Page - Linear Technology LT1120 Datasheet HTML 2Page - Linear Technology LT1120 Datasheet HTML 3Page - Linear Technology LT1120 Datasheet HTML 4Page - Linear Technology LT1120 Datasheet HTML 5Page - Linear Technology LT1120 Datasheet HTML 6Page - Linear Technology LT1120 Datasheet HTML 7Page - Linear Technology LT1120 Datasheet HTML 8Page - Linear Technology LT1120 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1120
TYPICAL PERFOR A CE CHARACTERISTICS
REGULATOR INPUT-OUTPUT DIFFERENTIAL (V)
1
5
10
15
20
25
10
1
0.1
0.01
1120 G07
IOUT = 100mA
IOUT = 1mA
VOUT = 5V
TJ = –55°C TO 125°C
IOUT = 10mA
REGULATOR INPUT-OUTPUT DIFFERENTIAL (V)
1
0.1
0.2
0.3
0.4
0.5
0.6
10
1
0.1
0.01
1120 G08
IOUT = 100mA
IOUT = 1mA
TJ = –55°C TO 125°C
IOUT = 10mA
REFERENCE OUTPUT CURRENT (mA)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
1120 G09
4
3
2
1
0
–1
–2
–3
–4
TIME (ms)
0
20 40 60 80 100 120 140 160 180
1120 G12
0.1
0
–0.1
0
50
VIN = 15V
VOUT = 5V
REGULATOR OUTPUT CURRENT (mA)
40
35
30
25
20
15
10
5
0
0.1
10
100
1000
1120 G11
1
TJ = 125°C
TJ = 25°C
TJ = –55°C
Supply Current
Supply Current at Dropout
Reference Regulation
Feedback Pin Current
Regulator Thermal Regulation
LT1120 Turn-On Characteristic
INPUT VOLTAGE (V)
012345678
1120 G13
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
0
VOUT = 5V
RL = 50Ω
RL = 500Ω
NO LOAD


Similar Part No. - LT1120

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1120 LINER-LT1120 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
More results

Similar Description - LT1120

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_15 Datasheet
169Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
   Micropower Regulator with Comparator and Shutdown
LT1020 LINER-LT1020_03 Datasheet
262Kb / 16P
   Micropower Regulator and Comparator
LT1020 LINER-LT1020 Datasheet
364Kb / 16P
   Micropower Regulator and Comparator
LT1020CS LINER-LT1020CS Datasheet
245Kb / 4P
   Micropower Regulator and Comparator?
LT1020 LINER-LT1020_15 Datasheet
272Kb / 16P
   Micropower Regulator and Comparator
logo
Texas Instruments
TLV1805-Q1 TI1-TLV1805-Q1 Datasheet
623Kb / 22P
[Old version datasheet]   40V, microPower, Push-Pull Automotive High Voltage Comparator with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com