Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBL3030P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SBL3030P
Description  Dual Common Cathode Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SBL3030P Datasheet(HTML) 1 Page - Vishay Siliconix

  SBL3030P Datasheet HTML 1Page - Vishay Siliconix SBL3030P Datasheet HTML 2Page - Vishay Siliconix SBL3030P Datasheet HTML 3Page - Vishay Siliconix SBL3030P Datasheet HTML 4Page - Vishay Siliconix SBL3030P Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBL3030PT, SBL3040PT
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jun-13
1
Document Number: 88732
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual Common Cathode Schottky Rectifier
FEATURES
• Power pack
• Guardring for overvoltage protection
• Lower power losses, high efficiency
• Low forward voltage drop
• High forward surge capability
• High frequency operation
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in low voltage, high frequency rectifier of switching
mode
power
supplies,
freewheeling
diodes,
DC/DC
converters, or polarity protection application.
MECHANICAL DATA
Case: TO-247AD (TO-3P)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs maximum
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
PRIMARY CHARACTERISTICS
IF(AV)
30 A
VRRM
30 V, 40 V
IFSM
275 A
VF
0.55 V
TJ max.
125 °C
Package
TO-247AD (TO-3P)
Diode variations
Common cathode
PIN 1
PIN 3
CASE
PIN 2
TO-247AD (TO-3P)
1
2
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SBL3030PT
SBL3040PT
UNIT
Maximum repetitive peak reverse voltage
VRRM
30
40
V
Maximum RMS voltage
VRWM
21
28
V
Maximum DC blocking voltage
VDC
30
40
V
Maximum average forward rectified current (fig. 1)
IF(AV)
30
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
275
A
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 125
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
SBL3030PT
SBL3040PT
UNIT
Maximum instantaneous forward voltage
per diode
VF (1)
15 A
0.55
V
Maximum instantaneous reverse current at
rated DC blocking voltage per diode
IR (1)
TC = 25 °C
1.0
mA
TC = 100 °C
75
mA


Similar Part No. - SBL3030P

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL3030PT DIODES-SBL3030PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23018 Rev. E-2
logo
General Semiconductor
SBL3030PT GE-SBL3030PT Datasheet
72Kb / 2P
   SCHOTTKY RECTIFIER
logo
Diodes Incorporated
SBL3030PT DIODES-SBL3030PT Datasheet
74Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
DS23018 Rev. 10 - 2
logo
List of Unclassifed Man...
SBL3030PT ETC2-SBL3030PT Datasheet
124Kb / 2P
   Low VF Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
SBL3030PT BILIN-SBL3030PT Datasheet
189Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SBL3030P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com