Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1117CST-5 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1117CST-5
Description  800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1117CST-5 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1117CST-5 Datasheet HTML 4Page - Linear Technology LT1117CST-5 Datasheet HTML 5Page - Linear Technology LT1117CST-5 Datasheet HTML 6Page - Linear Technology LT1117CST-5 Datasheet HTML 7Page - Linear Technology LT1117CST-5 Datasheet HTML 8Page - Linear Technology LT1117CST-5 Datasheet HTML 9Page - Linear Technology LT1117CST-5 Datasheet HTML 10Page - Linear Technology LT1117CST-5 Datasheet HTML 11Page - Linear Technology LT1117CST-5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1117/LT1117-2.85
LT1117-3.3/LT1117-5
High Efficiency Dual Linear Supply
Low Dropout Negative Supply
S
APPLICATI
TYPICAL
100
µF
LT1117 • TA11
D2
1N4002
1000
µF
MBR360
–5V
0.5A
+
2.4k
510k
1k
30k
20k*
30.1k*
LT1004-2.5
10k
4700
µF
+
+
+
MDA201
+
(HEAT SINK)
2N6667
(DARLINGTON)
L1
285
µH
1/2
LT1018
100
µF
1000
µF
MBR360
+
2.4k
510k
1k
30k
20k*
30.1k*
LT1004-2.5
10k
4700
µF
+
+
+
MDA201
+
(HEAT SINK)
2N6667
(DARLINGTON)
L1
285
µH
1/2
LT1018
D11
1N4002
+5V
0.5A
STANCOR
P-8685
130VAC-
90VAC
*
MDA
L1
= 1 % FILM RESISTORS
= MOTOROLA
= PULSE ENGINEERING, INC. #PE-92106
V+
V–
LT1117-5
IN
GND
OUT
LT1117-5
IN
GND
OUT
Q1
100
µF
VIN
LT1117 • TA17
+
VOUT = –5V
+
10
µF
FLOATING INPUT
LT1117-5
IN
GND
OUT


Similar Part No. - LT1117CST-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117CST-5 LINER-LT1117CST-5 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-5 LINER-LT1117CST-5 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-5-PBF LINER-LT1117CST-5-PBF Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-5-TR LINER-LT1117CST-5-TR Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117CST-5-TRPBF LINER-LT1117CST-5-TRPBF Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
More results

Similar Description - LT1117CST-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1117 LINER-LT1117_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-5 LINER-LT1117-5_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-2.85 LINER-LT1117-2.85_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_02 Datasheet
201Kb / 12P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117 LINER-LT1117_1 Datasheet
189Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
LT1117-3.3 LINER-LT1117-3.3_15 Datasheet
194Kb / 16P
   800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 5V
logo
TelCom Semiconductor, I...
TCL1117 TELCOM-TCL1117 Datasheet
121Kb / 9P
   800mA LOW DROPOUT POSITIVE REGULATORS ADJUSTABLE AND FIXED 2.85V, 3.30V, 5.00V
logo
Linear Technology
LT1086 LINER-LT1086_15 Datasheet
226Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086 Datasheet
348Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
LT1086 LINER-LT1086_04 Datasheet
217Kb / 16P
   1.5A Low Dropout Positive Regulators Adjustable and Fixed 2.85V, 3.3V, 3.6V, 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com