Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1121-5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1121-5
Description  Micropower Low Dropout Regulators with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1121-5 Datasheet(HTML) 5 Page - Linear Technology

  LT1121-5 Datasheet HTML 1Page - Linear Technology LT1121-5 Datasheet HTML 2Page - Linear Technology LT1121-5 Datasheet HTML 3Page - Linear Technology LT1121-5 Datasheet HTML 4Page - Linear Technology LT1121-5 Datasheet HTML 5Page - Linear Technology LT1121-5 Datasheet HTML 6Page - Linear Technology LT1121-5 Datasheet HTML 7Page - Linear Technology LT1121-5 Datasheet HTML 8Page - Linear Technology LT1121-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1121/LT1121-3.3/LT1121-5
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
LT1121-5
Ground Pin Current
Ground Pin Current
OUTPUT CURRENT (mA)
14
12
10
8
6
4
2
0
40
80
120
1121 G29
20
60
140 160
0
100
TJ = 125°C
TJ = –55°C
TJ = 25°C
VIN = 3.3V (LT1121-3.3)
VIN = 5V (LT1121-5)
VIN = 3.75V (LT1121)
DEVICE IS OPERATING
IN DROPOUT
Shutdown Pin Threshold
(On-to-Off)
Shutdown Pin Threshold
(Off-to-On)
LT1121
Ground Pin Current
LT1121-3.3
Ground Pin Current
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1121 G10
2
4
6
10
135
79
RLOAD = 130Ω
ILOAD = 25mA*
RLOAD = 330Ω
ILOAD = 10mA*
RLOAD = 3.3k
ILOAD = 1mA*
TJ = 25°C
*FOR VOUT = 3.3V
LT1121-3.3
Ground Pin Current
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1121 G06
2
4
6
10
135
79
TJ = 25°C
RLOAD = 500Ω
ILOAD = 10mA*
RLOAD = 5k
ILOAD = 1mA*
RLOAD = 200Ω
ILOAD = 25mA*
*FOR VOUT = 5V
LT1121
Ground Pin Current
INPUT VOLTAGE (V)
0
10
9
8
7
6
5
4
3
2
1
0
8
1121 G09
2
4
6
10
13
57
9
TJ = 25°C
RLOAD = 22Ω
ILOAD = 150mA*
RLOAD = 33Ω
ILOAD = 100mA*
RLOAD = 66Ω
ILOAD = 50mA*
*FOR VOUT = 3.3V
INPUT VOLTAGE (V)
0
10
9
8
7
6
5
4
3
2
1
0
8
1121 G05
2
4
6
10
13
57
9
TJ = 25°C
RLOAD = 50Ω
ILOAD = 100mA*
RLOAD = 100Ω
ILOAD = 50mA*
RLOAD = 33Ω
ILOAD = 150mA*
*FOR VOUT = 5V
LT1121-5
Ground Pin Current
INPUT VOLTAGE (V)
0
10
9
8
7
6
5
4
3
2
1
0
8
1121 G07
2
4
6
10
13
57
9
TJ = 25°C
VOUT = VADJ
RLOAD = 25Ω
ILOAD = 150mA*
RLOAD = 38Ω
ILOAD = 100mA*
RLOAD = 75Ω
ILOAD = 50mA*
*FOR VOUT = 3.75V
TEMPERATURE (°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1121 G16
–25
25
100
125
ILOAD = 1mA
TEMPERATURE (°C)
–50
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
50
75
1121 G17
–25
25
100
125
ILOAD = 1mA
ILOAD = 150mA
INPUT VOLTAGE (V)
0
800
700
600
500
400
300
200
100
0
8
1121 G08
2
4
6
10
135
79
TJ = 25°C
VOUT = VADJ
RLOAD = 150Ω
ILOAD = 25mA*
RLOAD = 380Ω
ILOAD = 10mA*
RLOAD = 3.8k
ILOAD = 1mA*
*FOR VOUT = 3.75V


Similar Part No. - LT1121-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1121-5 LINER-LT1121-5 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results

Similar Description - LT1121-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129 LINER-LT1129_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-3.3 LINER-LT1129-3.3_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_07 Datasheet
177Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1129-5 LINER-LT1129-5_15 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com