Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750108GB Datasheet(PDF) 1 Page - NEC

Part # UPD750108GB
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750108GB Datasheet(HTML) 1 Page - NEC

  UPD750108GB Datasheet HTML 1Page - NEC UPD750108GB Datasheet HTML 2Page - NEC UPD750108GB Datasheet HTML 3Page - NEC UPD750108GB Datasheet HTML 4Page - NEC UPD750108GB Datasheet HTML 5Page - NEC UPD750108GB Datasheet HTML 6Page - NEC UPD750108GB Datasheet HTML 7Page - NEC UPD750108GB Datasheet HTML 8Page - NEC UPD750108GB Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
©
1990
1997
4 BIT SINGLE-CHIP MICROCONTROLLER
The
µPD750108 is one of the 75XL series 4-bit single-chip microcontrollers, which provide data processing
capability equal to that of an 8-bit microcontroller.
The
µPD750108 is produced by replacing the main system clock oscillator of the µPD750008 with an RC oscillator,
enabling operation at a relatively low voltage of 1.8 V. In addition, it is best suited to applications using batteries.
The
µPD750108(A) has a higher reliability than the µPD750108.
A built-in one-time PROM product,
µPD75P0116, is also available. It is suitable for small-scale production and
evaluation of application systems.
The following user’s manual describes the details of the functions of the
µPD750108. Be sure to read it
before designing application systems.
µPD750108 User’s Manual: U11330E
FEATURES
• Built-in RC oscillator
• Enables the immediate start of processing after the
release of standby mode
• Capable of low-voltage operation: VDD = 1.8 to 5.5 V
• Internal memory
Program memory (ROM)
: 4,096
× 8 bits (
µPD750104 and µPD750104(A))
: 6,144
× 8 bits (
µPD750106 and µPD750106(A))
: 8,192
× 8 bits (
µPD750108 and µPD750108(A))
Data memory (RAM)
: 512
× 4 bits
APPLICATIONS
µPD750104, µPD750106, and µPD750108
Cameras, meters, and pagers
µPD750104(A), µPD750106(A), and µPD750108(A)
Electrical equipment for automobiles
The
µPD750104, µPD750106, µPD750108, µPD750104(A), µPD750106(A), and µPD750108(A) differ only in
quality grade. In this manual, the
µPD750108 is described unless otherwise specified. Users of other than the
µPD750108 should read µPD750108 as referring to the pertinent product.
When the description differs among
µPD750104, µPD750106, and µPD750108, they also refer to the pertinent
(A) products.
µPD750104 → µPD750104(A), µPD750106 → µPD750106(A), µPD750108 → µPD750108(A)
The information in this document is subject to change without notice.
Document No.
U12301EJ1V0DS00 (1st edition)
Date Published July 1997 J
Printed in Japan
µPD750104,750106,750108,750104(A),750106(A),750108(A)
• Function for specifying the instruction execution time
(useful for saving power)
4
µs, 8 µs, 16 µs, 64 µs (when operating at 1.0 MHz)
2
µs, 4 µs, 8 µs, 32 µs (when operating at 2.0 MHz)
122
µs (when operating at 32.768 kHz)
• Enhanced timer function (4 channels)
• Can be easily substituted for the
µPD750008 because
this product succeeds to the functions and instructions
of the
µPD750008.


Similar Part No. - UPD750108GB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD750108 RENESAS-UPD750108 Datasheet
625Kb / 83P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD750108GB

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com