Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75116A Datasheet(PDF) 10 Page - NEC

Part # UPD75116A
Description  4-Bit Single Chip-Microcomputer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75116A Datasheet(HTML) 10 Page - NEC

Back Button UPD75116A Datasheet HTML 6Page - NEC UPD75116A Datasheet HTML 7Page - NEC UPD75116A Datasheet HTML 8Page - NEC UPD75116A Datasheet HTML 9Page - NEC UPD75116A Datasheet HTML 10Page - NEC UPD75116A Datasheet HTML 11Page - NEC UPD75116A Datasheet HTML 12Page - NEC UPD75116A Datasheet HTML 13Page - NEC UPD75116A Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
10
µPD75112(A), 75116(A)
3.5 Caution Relating to Use of P00/INT4 Pin and RESET Pin
In addition to the functions described in sections 3.1
and 3.2, the P00/INT4 pin and the RESET pin have the
function to set the IC test mode for testing the
µPD75116(A) internal operations.
When a voltage larger than VDD is applied to one of
these two pins, the test mode is set. Thus, if noise
exceeding VDD is applied even during normal opera-
tions, the test mode is set and normal operations may
be discontinued.
For example, if a cable from the P00/INT4 or RESET pin
is too long, inter-wiring noise may be applied to the pin,
the pin voltage may become larger than VDD, causing
malfunctioning.
Thus, carry out wiring to minimize inter-wiring noise. If
the noise cannot be suppressed completely, carry out
the following countermeasure against noise using an
externally mounted component.
o Connect a diode with low VF (max 0.3 V)between VDDs
Diode with low VF
o Connect acapacitor between VDDs
3.4 Recommended Connection of Unused Pins
Pin
PTH00 to PTH03
TI0
TI1
P00
P01 to P03
P10 to P13
P20 to P23
P30 to P33
P40 to P43
P50 to P53
P60 to P63
P70 to P73
P80 to P83
P90 to P93
P120 to P123
P130 to P133
P140 to P143
RESET
NC
*1: Only when a power-on reset generator is built in by mask
option, connect t VDD.
2: When the PWB is shared with the
µPD75P116, connect the
NC pin to VDD directly.
Recommended Connecting Method
Connect to VSS or VDD
Connect to VSS
Connect to VSS or VDD
Connect to VSS
Input state
: Connect to VSS or VDD
Output state : Leave open
Connect to VDD*1
Leave open or connect to VDD*2
VDD
VDD
P00/INT4, RESET
VDD
VDD
P00/INT4, RESET


Similar Part No. - UPD75116A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75116CW-XXX RENESAS-UPD75116CW-XXX Datasheet
667Kb / 74P
   4-Bit Single-Chip Microcomputer
1989
logo
NEC
UPD75116F NEC-UPD75116F Datasheet
549Kb / 78P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75116FGF NEC-UPD75116FGF Datasheet
549Kb / 78P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75116FGF-XXX-3BE RENESAS-UPD75116FGF-XXX-3BE Datasheet
610Kb / 80P
   MOS INTEGRATED CIRCUIT
1991
UPD75116GF-XXX-3BE RENESAS-UPD75116GF-XXX-3BE Datasheet
667Kb / 74P
   4-Bit Single-Chip Microcomputer
1989
More results

Similar Description - UPD75116A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com