Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75116A Datasheet(PDF) 11 Page - NEC

Part # UPD75116A
Description  4-Bit Single Chip-Microcomputer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75116A Datasheet(HTML) 11 Page - NEC

Back Button UPD75116A Datasheet HTML 7Page - NEC UPD75116A Datasheet HTML 8Page - NEC UPD75116A Datasheet HTML 9Page - NEC UPD75116A Datasheet HTML 10Page - NEC UPD75116A Datasheet HTML 11Page - NEC UPD75116A Datasheet HTML 12Page - NEC UPD75116A Datasheet HTML 13Page - NEC UPD75116A Datasheet HTML 14Page - NEC UPD75116A Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
11
µPD75112(A), 75116(A)
4. Memory Configuration
• Program Memory (ROM)
12160
× 8 bits (0000H to 2F7FH):
µPD75112(A)
16256
× 8 bits (0000H to 3F7FH):
µPD75116(A)
• 0000H to 0001H: Vector table for writing the
program start address by reset
• 0002H to 000BH: Vector table for writing the
program start address by interrupt
Remarks: In all other cases, the program can be
branched by the BR PCDE and BR PCXA
• 0020H to 007FH: Table area to be referred to
by the GETI instruction
• Data Memory
• Data area
512
× 4 bits (000H to 1FFH)
• Peripheral hardware area
128
× 4 bits (F80H to FFFH)
instructions to an address with only the
lower 8 bits of PC changed.
Figure 4-1 Program Memory Map (
µPD75112(A))
Address
MBE RBE
MBE RBE
MBE
MBE RBE
MBE RBE
MBE RBE
0000H
0002H
0004H
0006H
0008H
000AH
0020H
007FH
0080H
07FFH
0FFFH
76
0
Internal Reset Start Address
Internal Reset Start Address
(Low-Order 8 Bits)
INT0/INT1 Start Address
(High-Order 6 Bits)
INT0/INT1 Start Address
(Low-Order 8 Bits)
(Low-Order 8 Bits)
INTSIO Start Address
(High-Order 6 Bits)
INTSIO Start Address
(Low-Order 8 Bits)
INTT0 Start Address
(High-Order 6 Bits)
INTT0 Start Address
(Low-Order 8 Bits)
INTT1 Start Address
(High-Order 6 Bits)
INTT1 Start Address
GETI Instruction Reference Table
CALLF
! faddr
Instruction
Entry
Address
BRCB
! caddr
Instruction
Branch
Address
BR !addr
Instruction
Branch
Address
CALL !addr
Instruction
Subroutin
Entry
Address
BRCB !caddr Instruction
Branch Address
(High-Order 6 Bits)
RBE
INTBT/INT4 Start Address
(High-Order 6 Bits)
INTBT/INT4 Start Address
(Low-Order 8 Bits)
2000H
1FFFH
2F7FH
0800H
1000H
BRCB !caddr Instruction
Branch Address
BR $addr
Instruction
Relative
Branch Address
(-15 to +16)
Branch Address
Subroutine Entry
Address by GETI
Instruction


Similar Part No. - UPD75116A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75116CW-XXX RENESAS-UPD75116CW-XXX Datasheet
667Kb / 74P
   4-Bit Single-Chip Microcomputer
1989
logo
NEC
UPD75116F NEC-UPD75116F Datasheet
549Kb / 78P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75116FGF NEC-UPD75116FGF Datasheet
549Kb / 78P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75116FGF-XXX-3BE RENESAS-UPD75116FGF-XXX-3BE Datasheet
610Kb / 80P
   MOS INTEGRATED CIRCUIT
1991
UPD75116GF-XXX-3BE RENESAS-UPD75116GF-XXX-3BE Datasheet
667Kb / 74P
   4-Bit Single-Chip Microcomputer
1989
More results

Similar Description - UPD75116A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com