Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-110CNQ045APBF Datasheet(PDF) 8 Page - Vishay Siliconix

Part # VS-110CNQ045APBF
Description  High Performance Schottky Rectifier New Generation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-110CNQ045APBF Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button VS-110CNQ045APBF Datasheet HTML 2Page - Vishay Siliconix VS-110CNQ045APBF Datasheet HTML 3Page - Vishay Siliconix VS-110CNQ045APBF Datasheet HTML 4Page - Vishay Siliconix VS-110CNQ045APBF Datasheet HTML 5Page - Vishay Siliconix VS-110CNQ045APBF Datasheet HTML 6Page - Vishay Siliconix VS-110CNQ045APBF Datasheet HTML 7Page - Vishay Siliconix VS-110CNQ045APBF Datasheet HTML 8Page - Vishay Siliconix VS-110CNQ045APBF Datasheet HTML 9Page - Vishay Siliconix VS-110CNQ045APBF Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 28-Sep-11
3
Document Number: 95354
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS - D-61-8-SL in millimeters (inches)
8.89 (0.350)
8.73 (0.344)
2.67 (0.105)
2.16 (0.085)
19.93 (0.785)
19.68 (0.775)
5.59 (0.220)
5.08 (0.200)
0.89 (0.035)
0.73 (0.029)
1.98 (0.078)
1.72 (0.068)
5.20 (0.205)
4.95 (0.195)
14° MIN. 14° MIN.
3.30 (0.130)
3.05 (0.120)
1.40 (0.055)
1.14 (0.045)
R0 0.508
(R 0.02)
5.97 (0.235)
5.71 (0.225)
Detail “A”
3.30 (0.130)
3.05 (0.120)
1.04 (0.041)
0.84 (0.033)
R 0.51 (0.020)
R 0.76 (0.030)
5.33 (0.210)
3.97 (0.156)
3.68 (0.145)
2.41 (0.095)
2.16 (0.085)
0.89 (0.035)
0.73 (0.029)
10.79 (0.425) MAX.
19.93 (0.785)
19.68 (0.775)
16.13 (0.635)
15.88 (0.625)
14.22 (0.560)
13.71 (0.540)
1.98 (0.078)
1.72 (0.068)
(2 x)
10.16 (0.400) REF.
0.89 (0.035)
0.73 (0.029)
(2 x)
0.64 (0.025) REF.
(2 x)
8.89 (0.350)
8.73 (0.344)
3.97 (0.156)
3.68 (0.145)
5.59 (0.220)
5.08 (0.200)


Similar Part No. - VS-110CNQ045APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-110CNQ045APBF VISHAY-VS-110CNQ045APBF_15 Datasheet
181Kb / 9P
   High Performance Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 21-May-14
More results

Similar Description - VS-110CNQ045APBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-113CNQ100APBF VISHAY-VS-113CNQ100APBF Datasheet
189Kb / 10P
   High Performance Schottky Rectifier New Generation 3
Revision: 23-May-14
logo
A-Data Technology
DDR42133SO-DIMM A-DATA-DDR42133SO-DIMM Datasheet
365Kb / 2P
   New generation DDR4 performance
logo
Vishay Siliconix
VS-112CNQ030APBF VISHAY-VS-112CNQ030APBF Datasheet
196Kb / 9P
   High Performance Schottky Rectifier New Generation 3, D-61 Package, 2 x 55 A
Revision: 21-May-14
VS-115CNQ015APBF VISHAY-VS-115CNQ015APBF Datasheet
196Kb / 9P
   High Performance Schottky Rectifier New Generation 3, D-61 Package, 2 x 55 A
Revision: 23-May-14
VS-110CNQ045APBF VISHAY-VS-110CNQ045APBF_15 Datasheet
181Kb / 9P
   High Performance Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 21-May-14
VS-6CUT04 VISHAY-VS-6CUT04_15 Datasheet
146Kb / 9P
   High Performance Schottky Generation
Revision: 03-Nov-11
VS-80CNQ035APBF VISHAY-VS-80CNQ035APBF Datasheet
164Kb / 9P
   High Performance Schottky Rectifier, New Generation 3, D-61 Package, 2 x 40 A
Revision: 09-Dec-14
VS-112CNQ030APBF VISHAY-VS-112CNQ030APBF_15 Datasheet
181Kb / 9P
   High Performance Schottky Rectifier New Generation 3, D-61 Package, 2 x 55 A
Revision: 21-May-14
VS-111CNQ045APBF VISHAY-VS-111CNQ045APBF_17 Datasheet
933Kb / 9P
   High Performance Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
Revision: 07-Feb-14
VS-115CNQ015APBF VISHAY-VS-115CNQ015APBF_15 Datasheet
181Kb / 9P
   High Performance Schottky Rectifier New Generation 3,D-61 Package, 2 x 55 A
Revision: 23-May-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com