Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63900-6500 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63900-6500
Description  FineAdjust Applicator for Discrete Wire, 24-24 AWG Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63900-6500 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63900-6500 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/31/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63900-6500
Status:
Active
Description:
FineAdjust™ Applicator for Discrete Wire, 24-24 AWG Wire
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Semi-Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
883906056346
Physical
Net Weight
5037.375/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639006500, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638004900, TM-638004900CN,
TM-638004900SP
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 03/31/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63900-6500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-6500 MOLEX-63900-6500 Datasheet
185Kb / 5P
   Fine Adjust Applicator for SL??Crimp Terminal
11-29-07
More results

Similar Description - 63900-6500

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-1500 MOLEX11-63900-1500 Datasheet
49Kb / 1P
   FineAdjust Applicator, 24-30 AWG Wire
63902-3200 MOLEX11-63902-3200 Datasheet
39Kb / 1P
   FineAdjust Applicator for Crimp Terminals 20-24 AWG Wire
0639008400 MOLEX-0639008400 Datasheet
33Kb / 2P
   FineAdjust Applicator for Female Terminal, 18-24 AWG Wire
08/26/2022
63900-3800 MOLEX11-63900-3800 Datasheet
50Kb / 1P
   FineAdjust Applicator for 2.00mm Pitch Wire-to-Wire Terminal, 24-30 AWG Wire
0639003800 MOLEX-0639003800 Datasheet
32Kb / 1P
   FineAdjust Applicator for 2.00mm Pitch Wire-to-Wire Terminal, 24-30 AWG Wire
08/26/2022
63900-3100 MOLEX11-63900-3100 Datasheet
50Kb / 1P
   FineAdjust Applicator for Female Crimp Terminal, 24-30 AWG Wire
0639039800 MOLEX-0639039800 Datasheet
33Kb / 1P
   FineAdjust Applicator for EdgeLock Crimp Terminal, 24 AWG, UL1061 wire
08/26/2022
0639039900 MOLEX-0639039900 Datasheet
33Kb / 1P
   FineAdjust Applicator for EdgeLock Crimp Terminal, 24 AWG, UL1007 wire
08/25/2022
63900-3400 MOLEX11-63900-3400 Datasheet
50Kb / 1P
   FineAdjust Applicator for Male Crimp Terminal, 24-30 AWG Wire
0639003400 MOLEX-0639003400 Datasheet
33Kb / 2P
   FineAdjust Applicator for Male Crimp Terminal, 24-30 AWG Wire
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com