Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1158I Datasheet(PDF) 3 Page - Linear Technology

Part # LT1158I
Description  Half Bridge N-Channel Power MOSFET Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1158I Datasheet(HTML) 3 Page - Linear Technology

  LT1158I Datasheet HTML 1Page - Linear Technology LT1158I Datasheet HTML 2Page - Linear Technology LT1158I Datasheet HTML 3Page - Linear Technology LT1158I Datasheet HTML 4Page - Linear Technology LT1158I Datasheet HTML 5Page - Linear Technology LT1158I Datasheet HTML 6Page - Linear Technology LT1158I Datasheet HTML 7Page - Linear Technology LT1158I Datasheet HTML 8Page - Linear Technology LT1158I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1158
3
TEMPERATURE (°C)
–50
8
10
14
25
75
LT1158 G02
6
4
–25
0
50
100
125
2
0
12
I2 + I10 + I16
V+ = 12V
INPUT HIGH
INPUT LOW
ENABLE LOW
SUPPLY VOLTAGE (V)
0
8
10
12
30
LT1158 G01
6
4
10
20
40
2
0
14
I2 + I10 + I16
ENABLE LOW
515
25
35
INPUT LOW
INPUT HIGH
V13 = 0V
V13 = V+
INPUT FREQUENCY (kHz)
1
0
5
10
15
20
30
10
100
LT1158 G03
25
50% DUTY CYCLE
CGATE = 3000pF
V+ = 24V
V+ = 6V
V+ = 12V
DC Supply Current
DC Supply Current
Dynamic Supply Current (V
+)
TYPICAL PERFORMANCE CHARACTERISTICS
Test Circuit, TA = 25°C, V
+ = V16 = 12V, V11 = V12 = V13 = 0V, Pins 1 and 4
ELECTRICAL CHARACTERISTICS
The q denotes specifications that apply over the full operating temperature
range.
Note 1: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LT1158IN, LT1158CN: TJ = TA + (PD × 70°C/W)
LT1158IS, LT1158CS: TJ = TA + (PD × 110°C/W)
Note 2: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See typical performance
characteristics and applications information.
Note 3: Gate rise times are measured from 2V to 10V, delay times are
measured from the input transition to when the gate voltage has decreased
to 10V, and fall times are measured from 10V to 2V.
LT1158I
LT1158C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP MAX
UNITS
V14 – V13 Top Turn-Off Threshold
V
+ = V16 = 5V, V6 = 0.8V
1
1.75
2.5
1
1.75
2.5
V
V8
Bottom Turn-Off Threshold
V
+ = V16 = 5V, V6 = 2V
1
1.5
2
1
1.5
2
V
I5
Fault Output Leakage
V
+ = 30V, V16 = 15V, V6 = 2V
q
0.1
1
0.1
1
µA
V5
Fault Output Saturation
V
+ = 30V, V16 = 15V, V6 = 2V, I5 = 10mA
0.5
1
0.5
1
V
V12 – V11 Fault Conduction Threshold
V
+ = 30V, V16 = 15V, V6 = 2V, I5 = 100µA
90
110
130
85
110
135
mV
V12 – V11 Current Limit Threshold
V
+ = 30V, V16 = 15V, V6 = 2V, Closed Loop
130
150
170
120
150
180
mV
q
120
180
120
180
mV
V12 – V11 Current Limit Inhibit
V
+ = V12 = 12V, V6 = 2V, Decrease V11
1.1
1.25
1.4
1.1
1.25
1.4
V
VDS Threshold
until V15 goes low
tR
Top Gate Rise Time
Pin 6 (+) Transition, Meas. V15 – V13 (Note 3)
q
130
250
130
250
ns
tD
Top Gate Turn-Off Delay
Pin 6 (–) Transition, Meas. V15 – V13 (Note 3)
q
350
550
350
550
ns
tF
Top Gate Fall Time
Pin 6 (–) Transition, Meas. V15 – V13 (Note 3)
q
120
250
120
250
ns
tR
Bottom Gate Rise Time
Pin 6 (–) Transition, Meas. V9 (Note 3)
q
130
250
130
250
ns
tD
Bottom Gate Turn-Off Delay
Pin 6 (+) Transition, Meas. V9 (Note 3)
q
200
400
200
400
ns
tF
Bottom Gate Fall Time
Pin 6 (+) Transition, Meas. V9 (Note 3)
q
100
200
100
200
ns
open, Gate Feedback pins connected to Gate Drive pins unless otherwise specified.


Similar Part No. - LT1158I

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
More results

Similar Description - LT1158I

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1158ISW LINEAR_DIMENSIONS-LT1158ISW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Technology
LT1158 LINER-LT1158_15 Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Linear Dimensions Semic...
LT1158CSW LINEAR_DIMENSIONS-LT1158CSW Datasheet
250Kb / 22P
   Half Bridge N-Channel Power MOSFET Driver
logo
Vishay Siliconix
SI9976DY VISHAY-SI9976DY Datasheet
113Kb / 5P
   N-Channel Half-Bridge Driver
Rev. E, 05-Apr-99
SI9976 VISHAY-SI9976_V01 Datasheet
106Kb / 7P
   N-Channel Half-Bridge Driver
01-Jan-2022
SI9976 VISHAY-SI9976 Datasheet
83Kb / 6P
   N-Channel Half-Bridge Driver
Rev. F, 19-Apr-04
logo
Linear Technology
LT1336 LINER-LT1336 Datasheet
365Kb / 16P
   Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
LT1336 LINER-LT1336_15 Datasheet
266Kb / 20P
   Half-Bridge N-Channel Power MOSFET Driver with Boost Regulator
logo
Micrel Semiconductor
MIC5022 MICREL-MIC5022_05 Datasheet
198Kb / 10P
   Half-Bridge MOSFET Driver
MIC5022 MICREL-MIC5022 Datasheet
130Kb / 9P
   Half-Bridge MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com