Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63801-7600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63801-7600
Description  FineAdjust Applicator for 2.00mm Pitch Crimp Terminal, 22-26 AWG
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63801-7600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63801-7600 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63900-7700
Status:
Active
Description:
FineAdjust™ Applicator for 2.00mm Pitch Crimp Terminal, 22-26 AWG
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above
Function
Crimp
Geographic Area
Global
Level of Automation
Automatic
More Detailed Tech Information
applicationtooling@molex.com
Product Name
FineAdjust™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
FineAdjust Applicator
UPC
883906227609
Physical
Net Weight
4982.368/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-639007700, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN, TM-638004900, TM-638004900CN,
TM-638004900SP
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
Molex TM-3000™: 63801-7200 ,
63801-7300 , Molex TM-4000™:
63801-7600 , Molex TM-2000™:
63800-8300 , 63800-8400 , and Most
Industry Standard Presses or Wire Process
Machines
This document was generated on 06/03/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63801-7600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63801-7600 MOLEX11-63801-7600 Datasheet
64Kb / 1P
   Mini-Mac Applicator
63801-7600 MOLEX11-63801-7600 Datasheet
82Kb / 1P
   Mini-Mac Applicator Rear Feed
63801-7600 MOLEX11-63801-7600 Datasheet
50Kb / 1P
   FineAdjust for Female Terminal, 18-24 AWG Wire
63801-7600 MOLEX11-63801-7600 Datasheet
42Kb / 1P
   Mini-Mac Applicator
63801-7600 MOLEX11-63801-7600 Datasheet
49Kb / 1P
   FineAdjust Applicator for 3.96mm (.156) Pitch MarKK Crimp Terminal.
More results

Similar Description - 63801-7600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63900-7600 MOLEX11-63900-7600 Datasheet
50Kb / 1P
   FineAdjust Applicator for 2.00mm Crimp Terminal, AWG 22-28
0639007600 MOLEX-0639007600 Datasheet
33Kb / 1P
   FineAdjust Applicator for 2.00mm Crimp Terminal, AWG 22-28
08/25/2022
2037028000 MOLEX-2037028000 Datasheet
32Kb / 1P
   FineAdjust Applicator for 2.00mm Pitch iGrid Female Crimp Terminal, 22-24 AWG
08/25/2022
0639019800 MOLEX11-0639019800 Datasheet
32Kb / 1P
   FineAdjust Applicator for 3.96mm Pitch Crimp Terminal, 20-26 AWG
2037027700 MOLEX-2037027700_V01 Datasheet
42Kb / 1P
   FineAdjust Applicator for CP 4.5 Crimp Terminals, 22-26 AWG
04/05/2022
63900-4800 MOLEX11-63900-4800 Datasheet
50Kb / 1P
   FineAdjust Applicator for Crimp Terminal, 22-30 AWG Wire
2037028200 MOLEX-2037028200_V01 Datasheet
42Kb / 1P
   FineAdjust Applicator for CP-4.5 Crimp Terminals, 22-26 AWG
04/05/2022
0639014600 MOLEX-0639014600 Datasheet
34Kb / 2P
   FineAdjust Applicator for Crimp Terminal, Male, 22 AWG Wire
08/26/2022
2037027700 MOLEX-2037027700 Datasheet
42Kb / 1P
   FineAdjust Applicator for CP 4.5 Crimp Terminals, 22-26 AWG
2037028200 MOLEX-2037028200 Datasheet
42Kb / 1P
   FineAdjust Applicator for CP-4.5 Crimp Terminals, 22-26 AWG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com