Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-10TQ045SPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-10TQ045SPBF
Description  High Performance Schottky Rectifier, 10 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-10TQ045SPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-10TQ045SPBF Datasheet HTML 1Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 2Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 3Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 4Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 5Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 6Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 7Page - Vishay Siliconix VS-10TQ045SPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-10TQ035SPbF, VS-10TQ045SPbF
www.vishay.com
Vishay Semiconductors
Revision: 21-May-14
1
Document Number: 94121
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Rectifier, 10 A
FEATURES
• 175 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation for enhanced mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and
long term reliability
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The VS-10TQ...SPbF Schottky rectifier series has been
optimized for low reverse leakage at high temperature. The
proprietary barrier technology allows for reliable operation
up to 175 °C junction temperature. Typical applications are
in switching power supplies, converters, freewheeling
diodes, and reverse battery protection.
PRODUCT SUMMARY
Package
D2PAK
IF(AV)
10 A
VR
35 V, 40 V, 45 V
VF at IF
0.57 V
IRM
15 mA at 125 °C
TJ max.
175 °C
Diode variation
Single die
EAS
13 mJ
Anode
1
3
Base
cathode
2
N/C
D2PAK
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
10
A
VRRM
35/45
V
IFSM
tp = 5 μs sine
1050
A
VF
10 Apk, TJ = 125 °C
0.49
V
TJ
Range
-55 to +175
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-10TQ035SPbF
VS-10TQ045SPbF
UNITS
Maximum DC reverse voltage
VR
35
45
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 151 °C, rectangular waveform
10
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
1050
A
10 ms sine or 6 ms rect. pulse
280
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 2 A, L = 6.5 mH
13
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A


Similar Part No. - VS-10TQ045SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10TQ045SPBF VISHAY-VS-10TQ045SPBF Datasheet
168Kb / 8P
   Schottky Rectifier, 10 A
Revision: 12-Mar-10
VS-10TQ045SPbF VISHAY-VS-10TQ045SPbF Datasheet
168Kb / 8P
   Schottky Rectifier, 10 A
Revision: 12-Mar-10
VS-10TQ045SPBF VISHAY-VS-10TQ045SPBF Datasheet
171Kb / 8P
   High Performance Schottky Rectifier, 10 A
Revision: 21-May-14
VS-10TQ045SPBF VISHAY-VS-10TQ045SPBF Datasheet
146Kb / 8P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
More results

Similar Description - VS-10TQ045SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10TQ035HN3 VISHAY-VS-10TQ035HN3 Datasheet
163Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 22-Sep-17
VS-10TQ035S-M3 VISHAY-VS-10TQ035S-M3_V01 Datasheet
182Kb / 7P
   High Performance Schottky Rectifier, 10 A
01-Jan-2022
VS-10WQ045FNPBF VISHAY-VS-10WQ045FNPBF_V01 Datasheet
143Kb / 7P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
VS-MBRB1035-M3 VISHAY-VS-MBRB1035-M3_V01 Datasheet
167Kb / 7P
   High Performance Schottky Rectifier, 10 A
01-Jan-2022
VS-10TQ035SPBF VISHAY-VS-10TQ035SPBF_V01 Datasheet
146Kb / 8P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
VS-10TQ035SPBF VISHAY-VS-10TQ035SPBF_15 Datasheet
155Kb / 8P
   High Performance Schottky Rectifier, 10 A
Revision: 21-May-14
VS-10TQ035S-M3 VISHAY-VS-10TQ035S-M3_15 Datasheet
147Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 25-Feb-14
VS-MBRB1035PBF VISHAY-VS-MBRB1035PBF_V01 Datasheet
119Kb / 7P
   High Performance Schottky Rectifier, 10 A
08-Feb-17
VS-MBR1035-M3 VISHAY-VS-MBR1035-M3 Datasheet
152Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 23-Nov-17
VS-MBRB1035HM3 VISHAY-VS-MBRB1035HM3_V01 Datasheet
146Kb / 7P
   High Performance Schottky Rectifier, 10 A
01-Jan-2022
VS-10TQ035SHM3 VISHAY-VS-10TQ035SHM3_15 Datasheet
153Kb / 7P
   High Performance Schottky Rectifier, 10 A
Revision: 06-Mar-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com