Electronic Components Datasheet Search |
|
VS-10TQ045-N3 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
VS-10TQ045-N3 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 8 page VS-10TQ...PbF Series, VS-10TQ...-N3 Series www.vishay.com Vishay Semiconductors Revision: 11-Oct-11 2 Document Number: 94120 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Note (1) Pulse width < 300 μs, duty cycle < 2 % ELECTRICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum forward voltage drop See fig. 1 VFM (1) 10 A TJ = 25 °C 0.57 V 20 A 0.67 10 A TJ = 125 °C 0.49 20 A 0.61 Maximum reverse leakage current See fig. 2 IRM (1) TJ = 25 °C VR = Rated VR 2 mA TJ = 125 °C 15 Maximum junction capacitance CT VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C 900 pF Typical series inductance LS Measured lead to lead 5 mm from package body 8.0 nH Maximum voltage rate of change dV/dt Rated VR 10 000 V/µs THERMAL - MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS VALUES UNITS Maximum junction and storage temperature range TJ, TStg - 55 to 175 °C Maximum thermal resistance, junction to case RthJC DC operation See fig. 4 2.0 °C/W Typical thermal resistance, case to heatsink RthCS Mounting surface, smooth and greased 0.50 Approximate weight 2g 0.07 oz. Mounting torque minimum 6 (5) kgf · cm (lbf · in) maximum 12 (10) Marking device Case style TO-220AC 10TQ035 10TQ045 |
Similar Part No. - VS-10TQ045-N3 |
|
Similar Description - VS-10TQ045-N3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |