Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-D54A-21S-XX Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-D54A-21S-XX
Description  13.60mm (0.54) Dual digit Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-D54A-21S-XX Datasheet(HTML) 3 Page - BetLux Electronics

  BL-D54A-21S-XX Datasheet HTML 1Page - BetLux Electronics BL-D54A-21S-XX Datasheet HTML 2Page - BetLux Electronics BL-D54A-21S-XX Datasheet HTML 3Page - BetLux Electronics BL-D54A-21S-XX Datasheet HTML 4Page - BetLux Electronics BL-D54A-21S-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, 2 DIGIT ALPHANUMERIC DISPLAY
BL-D54X-21
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-D54A-21S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D54A-21S BETLUX-BL-D54A-21S Datasheet
74Kb / 4P
   LED NUMERIC DISPLAY, 2 DIGIT ALPHANUMERIC DISPLAY
More results

Similar Description - BL-D54A-21S-XX

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
LDD-SMA3007RIUSBTR LUMEX-LDD-SMA3007RIUSBTR Datasheet
78Kb / 1P
   Seven Segment Dual Digit LED Display
logo
LightKey Optoelectronic...
LD5321AB LIGHTKEY-LD5321AB Datasheet
162Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
LD5321CD LIGHTKEY-LD5321CD Datasheet
188Kb / 3P
   0.54 inch Dual Digit 14 Segment LED Display
logo
BetLux Electronics
BL-D40E-21 BETLUX-BL-D40E-21 Datasheet
330Kb / 5P
   10.20mm (0.40) Dual digit Seven Segment LED display series
BL-D50E-21 BETLUX-BL-D50E-21 Datasheet
326Kb / 5P
   12.70mm (0.50) Dual digit Seven Segment LED display series
BL-D56A-24 BETLUX-BL-D56A-24 Datasheet
322Kb / 5P
   14.20mm (0.56) Dual digit Seven Segment LED display series
BL-D56E-23 BETLUX-BL-D56E-23 Datasheet
316Kb / 5P
   14.20mm (0.56) Dual digit Seven Segment LED display series
BL-D56I-21 BETLUX-BL-D56I-21 Datasheet
320Kb / 5P
   14.20mm (0.56) Dual digit Seven Segment LED display series
BL-D56K-21 BETLUX-BL-D56K-21 Datasheet
323Kb / 5P
   14.20mm (0.56) Dual digit Seven Segment LED display series
BL-D56E-21 BETLUX-BL-D56E-21 Datasheet
320Kb / 5P
   14.20mm (0.56) Dual digit Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com