Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-SS56A-11Y-XX Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-SS56A-11Y-XX
Description  14.20mm (0.56) Single digit numeric display series. SMD TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-SS56A-11Y-XX Datasheet(HTML) 3 Page - BetLux Electronics

  BL-SS56A-11Y-XX Datasheet HTML 1Page - BetLux Electronics BL-SS56A-11Y-XX Datasheet HTML 2Page - BetLux Electronics BL-SS56A-11Y-XX Datasheet HTML 3Page - BetLux Electronics BL-SS56A-11Y-XX Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LED NUMERIC DISPLAY, 1 DIGIT, SMD DISPLAY
BL-SS56X-11
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 3 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
3,8
3,8
5
10
9
1
2
4
6
7
76
4
2
1
9
10
5
BL-SS56A-11
BL-SS56B-11
AB
C
D
E
F
G
DP
DP
G
F
E
D
C
B
A
12.4
10 ¡
4 .68
4.4
2.54*4=10.16
PIN1
PIN5
PIN6
PIN10
R 1
1.7
PIN1
PIN5
PIN6
PIN10
0.8
3.75
BL -S S5 6X -1 1
BL-SS56X-11 Series
A
B
C
D
E
F
G
DP
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-SS56A-11Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-SS20A-11 BETLUX-BL-SS20A-11 Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
BL-SS20A-11D-XX BETLUX-BL-SS20A-11D-XX Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
BL-SS20A-11E-XX BETLUX-BL-SS20A-11E-XX Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
BL-SS20A-11G-XX BETLUX-BL-SS20A-11G-XX Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
BL-SS20A-11S-XX BETLUX-BL-SS20A-11S-XX Datasheet
276Kb / 5P
   5.08mm (0.2) Single digit numeric series, SMD DISPLAY
More results

Similar Description - BL-SS56A-11Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S56A-16 BETLUX-BL-S56A-16 Datasheet
327Kb / 5P
   14.20mm (0.56) Single digit numeric display series
BL-DS56A-21 BETLUX-BL-DS56A-21 Datasheet
174Kb / 4P
   14.20mm (0.56) Dual digit numeric display series , SMD TYPE
BL-D56A-25 BETLUX-BL-D56A-25 Datasheet
329Kb / 5P
   14.20mm (0.56) Dual digit numeric display series
BL-Q56A-51 BETLUX-BL-Q56A-51 Datasheet
328Kb / 5P
   14.20mm (0.56) 5 digit numeric display series
BL-T56U-31 BETLUX-BL-T56U-31 Datasheet
333Kb / 5P
   14.20mm (0.56) Three digit numeric display series
BL-T56A-34 BETLUX-BL-T56A-34 Datasheet
342Kb / 5P
   14.20mm (0.56) Three digit numeric display series
logo
BRIGHT LED ELECTRONICS ...
BS-C516RD BRIGHT-BS-C516RD Datasheet
138Kb / 3P
   0.56(14.20MM)single DIGIT LED DISPLAY
BS-C552RD-B BRIGHT-BS-C552RD-B Datasheet
146Kb / 3P
   0.56(14.20MM)single DIGIT LED DISPLAY
BS-A556RD BRIGHT-BS-A556RD Datasheet
74Kb / 1P
   0.56(14.20MM)single DIGIT LED DISPLAY
logo
Micro Electronics
MU156C MICRO-ELECTRONICS-MU156C Datasheet
59Kb / 2P
   0.56 SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com