Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-T28A-31E-XX Datasheet(PDF) 4 Page - BetLux Electronics

Part # BL-T28A-31E-XX
Description  7.00mm (0.28) Three digit Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-T28A-31E-XX Datasheet(HTML) 4 Page - BetLux Electronics

  BL-T28A-31E-XX Datasheet HTML 1Page - BetLux Electronics BL-T28A-31E-XX Datasheet HTML 2Page - BetLux Electronics BL-T28A-31E-XX Datasheet HTML 3Page - BetLux Electronics BL-T28A-31E-XX Datasheet HTML 4Page - BetLux Electronics BL-T28A-31E-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LED NUMERIC DISPLAY, 3 DIGIT
BL-T28X-31
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 4 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Typical electrical-optical characteristics curves:
1.0
0.5
0
350
400
450
500
550
600
650
700
750
800
850
900
950
1000
(A)
(B )
(C)
( D)
(2)
(3)
(8)
( 4)
(1) (6)
( 5)
(9)
(10)
Wav elength(nm)
RELATIV E INTENS ITY Vs WA VELE NGT H(
)
¦Ë p
( 1) - GaAsP/GaAs 655nm/Red
( 2) - GaP 570nm/Yellow Green
( 3) - GaAsP/GaP 585nm/Yellow
( 4) - GaAsp/GaP 635nm/Orange & Hi-Eff Red
( 5) - GaP 700nm/Bright Red
( 6) - GaAlAs/GaAs 660nm/Super Red
( 8) - GaAsP/GaP 610nm/Super Red
(9) - GaAlAs 880nm
(10) - GaAs/GaAs & GaAlAs/GaAs 940nm
(A) - GaN/SiC 430nm/Blue
(B) - InGaN/SiC 470nm/Blue
(C) -
(D) -
InGaN/SiC 505nm/Ultra Green
InGaAl/SiC 525nm/Ultra Gr een
50
40
30
20
10
0
1.2
1.6
2.0
2.4
2.6
3.0
1
6
3
4 5
2
8
4.0
3.0
2.0
1.0
0
20
40
60
80
100
1
5
B
50
40
30
20
10
0
20
40
60
80
100
1
6
2,4,8,A
3
5
3
2
1
0.5
0.2
0.1
-30
-20
-10
0
10
20
30
40
5 0
60
7 0
1
5
4
2
3
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
10KH z
3KHz
1KHz
300KHz
100KHz F-REFRESH R ATE
100KHz
30KHz
10KHz
3 KHz
1KHz
300Hz
100H z
10
9
8
7
6
5
4
3
2
1
1
10
100
1000
10,000
FORWARD VOLTAGE (Vf)
FORWARD CURRENT VS.
FORWARD VOLTAGE
RELATIVE LUMI NOUS
INTENSI TY VS. FORWARD
CURRENT
AMBIENT TEMPERATURE Ta(
)
FORWARD CURRENT VS. AMBIENT
TEMPERATURE
tp-PU LSE DU RATION uS
(1,2 ,3 ,4,6,8,B.D.J. K)
NOTE:25
free air temperat ure unless otherw ise sp ecifie d
tp-P ULSE DU RATION uS
F
O
R
W
A
R
D
C
U
R
R
E
N
T
(m
A
)
FORWARD CURRENT (mA)
R
E
L
A
T
IV
E
L
U
M
IN
O
U
S
IN
T
E
N
S
IT
Y
F
O
R
W
A
R
D
C
U
R
R
E
N
T
(m
A
)
R
E
L
A
T
IV
E
L
U
M
IN
O
U
S
IN
T
E
N
S
IT
Y
AMBIENT TEM PER ATUR E Ta(
)
(5)
Ip
e
a
k
M
A
X
.
ID
C
M
A
X
.
Ip
e
a
k
M
A
X
.
ID
C
M
A
X
.


Similar Part No. - BL-T28A-31E-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T28A-31E-0 BETLUX-BL-T28A-31E-0 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T28A-31E-1 BETLUX-BL-T28A-31E-1 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T28A-31E-10 BETLUX-BL-T28A-31E-10 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T28A-31E-11 BETLUX-BL-T28A-31E-11 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T28A-31E-12 BETLUX-BL-T28A-31E-12 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
More results

Similar Description - BL-T28A-31E-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q28G-41 BETLUX-BL-Q28G-41 Datasheet
306Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28K-41 BETLUX-BL-Q28K-41 Datasheet
306Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28A-41 BETLUX-BL-Q28A-41 Datasheet
323Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28I-41 BETLUX-BL-Q28I-41 Datasheet
314Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28C-41 BETLUX-BL-Q28C-41 Datasheet
326Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28O-41 BETLUX-BL-Q28O-41 Datasheet
314Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28E-41 BETLUX-BL-Q28E-41 Datasheet
312Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-Q28M-41 BETLUX-BL-Q28M-41 Datasheet
315Kb / 5P
   7.00mm (0.28) Four digit Seven Segment LED display series
BL-T28C-32 BETLUX-BL-T28C-32 Datasheet
332Kb / 5P
   7.00mm (0.28) Three digit numeric display series
BL-S28A-11 BETLUX-BL-S28A-11 Datasheet
378Kb / 5P
   7.0mm (0.28) Single digit Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com