Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1167C Datasheet(PDF) 1 Page - Linear Technology

Part # LT1167C
Description  Single Resistor Gain Programmable, Precision Instrumentation Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1167C Datasheet(HTML) 1 Page - Linear Technology

  LT1167C Datasheet HTML 1Page - Linear Technology LT1167C Datasheet HTML 2Page - Linear Technology LT1167C Datasheet HTML 3Page - Linear Technology LT1167C Datasheet HTML 4Page - Linear Technology LT1167C Datasheet HTML 5Page - Linear Technology LT1167C Datasheet HTML 6Page - Linear Technology LT1167C Datasheet HTML 7Page - Linear Technology LT1167C Datasheet HTML 8Page - Linear Technology LT1167C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1167
Single Resistor Gain
Programmable, Precision
Instrumentation Amplifier
Gain Nonlinearity
The LT
®1167 is a low power, precision instrumentation
amplifier that requires only one external resistor to set gains
of 1 to 10,000. The low voltage noise of 7.5nV/
√Hz (at 1kHz)
is not compromised by low power dissipation (0.9mA typical
for
±2.3V to ±15V supplies).
The high accuracy of 10ppm maximum nonlinearity and
0.08% max gain error (G = 10) is not degraded even for load
resistors as low as 2k (previous monolithic instrumentation
amps used 10k for their nonlinearity specifications). The
LT1167 is laser trimmed for very low input offset voltage
(40
µV max), drift (0.3µV/°C), high CMRR (90dB, G = 1) and
PSRR (105dB, G = 1). Low input bias currents of 350pA max
are achieved with the use of superbeta processing. The
output can handle capacitive loads up to 1000pF in any gain
configuration while the inputs are ESD protected up to 13kV
(human body). The LT1167 with two external 5k resistors
passes the IEC 1000-4-2 level 4 specification.
The LT1167, offered in 8-pin PDIP and SO packages, requires
significantly less PC board area than discrete multi op amp
and resistor designs. These advantages make the LT1167 the
most cost effective solution for precision instrumentation
amplifier applications.
s
Single Gain Set Resistor: G = 1 to 10,000
s
Gain Error: G = 10, 0.08% Max
s
Gain Nonlinearity: G = 10, 10ppm Max
s
Input Offset Voltage: G = 10, 60
µV Max
s
Input Offset Voltage Drift: 0.3
µV/°C Max
s
Input Bias Current: 350pA Max
s
PSRR at G = 1: 105dB Min
s
CMRR at G = 1: 90dB Min
s
Supply Current: 1.3mA Max
s
Wide Supply Range:
±2.3V to ±18V
s
1kHz Voltage Noise: 7.5nV/
√Hz
s
0.1Hz to 10Hz Noise: 0.28
µVP-P
s
Available in 8-Pin PDIP and SO Packages
s
Meets IEC 1000-4-2 Level 4 ESD Tests with
Two External 5k Resistors
FEATURES
DESCRIPTION
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Bridge Amplifiers
s
Strain Gauge Amplifiers
s
Thermocouple Amplifiers
s
Differential to Single-Ended Converters
s
Medical Instrumentation
APPLICATIONS
+
+
2
1
1
1
1
2
R5
392k
R4
50k
R3
50k
R8
100k
R6
1k
LT1634CCZ-1.25
8
4
1/2
LT1490
3
RSET
0.2% ACCURACY AT 25
°C
1.2% ACCURACY AT 0
°C TO 60°C
VS = 8V TO 30V
5k
5k
5k
5k
VS
5
4
3
2
+
7
1/2
LT1490
5
6
2
8
LUCAS NOVA SENOR
NPC-1220-015-A-3L
7
VS
6
1167 TA01
5
TO
4-DIGIT
DVM
4
R2
12
LT1167
G = 60
R1
825
3
6
R7
50k
VOLTS
2.800
3.000
3.200
INCHES Hg
28.00
30.00
32.00
TYPICAL APPLICATION
Single Supply Barometer
G = 1000
RL = 1k
VOUT = ±10V
1167 TA02
OUTPUT VOLTAGE (2V/DIV)


Similar Part No. - LT1167C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1167CN8 LINER-LT1167CN8 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167CS8 LINER-LT1167CS8 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results

Similar Description - LT1167C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168 Datasheet
292Kb / 16P
   Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
logo
Texas Instruments
PGA280 TI1-PGA280 Datasheet
1Mb / 46P
[Old version datasheet]   Programmable Gain INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com