Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1169 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1169
Description  Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1169 Datasheet(HTML) 4 Page - Linear Technology

  LT1169 Datasheet HTML 1Page - Linear Technology LT1169 Datasheet HTML 2Page - Linear Technology LT1169 Datasheet HTML 3Page - Linear Technology LT1169 Datasheet HTML 4Page - Linear Technology LT1169 Datasheet HTML 5Page - Linear Technology LT1169 Datasheet HTML 6Page - Linear Technology LT1169 Datasheet HTML 7Page - Linear Technology LT1169 Datasheet HTML 8Page - Linear Technology LT1169 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1169
ELECTRICAL C
C
HARA TERISTICS V
S = ±15V, VCM = 0V, – 40°C ≤ TA ≤ 85°C, (Note 7), unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS (Note 1)
MIN
TYP
MAX
UNITS
∆VOS
Offset Voltage Match
q
1.8
6
mV
∆IB+
Noninverting Bias Current Match
q
10
180
pA
∆CMRR
Common Mode Rejection Match
(Note 8)
q
73
93
dB
∆PSRR
Power Supply Rejection Match
(Note 8)
q
75
92
dB
The q denotes specifications which apply over the full operating
temperature range.
Note 1: Typical parameters are defined as the 60% yield of parameter
distributions of individual amplifiers, i.e., out of 100 LT1169s (200 op
amps) typically 120 op amps will be better than the indicated specification.
Note 2: IB and IOS readings are extrapolated to a warmed-up temperature
from 25
°C measurements and 45°C characterization data.
Note 3: Current noise is calculated from the formula:
in = (2qIB)
1/2
where q = 1.6
× 10–19 coulomb. The noise of source resistors up to 200M
swamps the contribution of current noise.
Note 4: Input voltage range functionality is assured by testing offset
voltage at the input voltage range limits to a maximum of 2.8mV.
Note 5: This parameter is not 100% tested.
Note 6: Slew rate is measured in AV = –1; input signal is ±7.5V, output
measured at
±2.5V.
Note 7: The LT1169 is designed, characterized and expected to meet these
extended temperature limits, but is not tested at – 40
°C and 85°C.
Guaranteed I grade parts are available; consult factory.
Note 8:
∆CMRR and ∆PSRR are defined as follows:
(1) CMRR and PSRR are measured in
µV/V on the individual
amplifiers.
(2) The difference is calculated between the matching sides in
µV/V.
(3) The result is converted to dB.
Note 9: The LT1169 is measured in an automated tester in less than one
second after application of power. Depending on the package used, power
dissipation, heat sinking, and air flow conditions, the fully warmed-up chip
temperature can be 10
°C to 50°C higher than the ambient temperature.
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Voltage Noise vs Frequency
0.1Hz to 10Hz Voltage Noise
TIME (SEC)
24
6
8
LT1169 • TPC01
10
0
FREQUENCY (Hz)
1
10
1
10
100
100
1k
10k
LT1169 • TPC03
TA = 25°C
VS = ±15V
1/f CORNER
60Hz
TYPICAL
INPUT VOLTAGE NOISE (nV/
√Hz)
4.2
30
40
50
7.4
LT1169 • TPC02
20
10
0
5.0
5.8
6.6
4.6
7.8
5.4
6.2
7.0
8.2
TA = 25°C
VS = ±15V
510 OP AMPS TESTED
1kHz Input Noise Voltage
Distribution


Similar Part No. - LT1169

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1169 LINER-LT1169 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
More results

Similar Description - LT1169

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793_15 Datasheet
177Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Analog Devices
AD706 AD-AD706 Datasheet
246Kb / 8P
   Dual Picoampere Input Current Bipolar Op Amp
REV. C
logo
Linear Technology
LT1024 LINER-LT1024 Datasheet
719Kb / 8P
   Dual,Matched Picoampere, Microvolt Input,Low Noise Op Amp?
logo
Sensitron
SCP-5453 SENSITRON-SCP-5453 Datasheet
62Kb / 5P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
logo
Analog Devices
AD706ARZ AD-AD706ARZ Datasheet
191Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
AD706JRZ-REEL7 AD-AD706JRZ-REEL7 Datasheet
230Kb / 12P
   Dual Picoampere Input Current Bipolar Op Amp
REV. E
logo
Maxim Integrated Produc...
MAX40242 MAXIM-MAX40242 Datasheet
531Kb / 12P
   20V, Low Input Bias-Current, Low-Noise, Dual Op Amp
2018
logo
Linear Technology
LT1024 LINER-LT1024_15 Datasheet
180Kb / 12P
   Dual, Matched Picoampere, Microvolt Input, Low Noise Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com