Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-T39I-31Y-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-T39I-31Y-XX
Description  10.0mm (0.39) Three digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-T39I-31Y-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-T39I-31Y-XX Datasheet HTML 1Page - BetLux Electronics BL-T39I-31Y-XX Datasheet HTML 2Page - BetLux Electronics BL-T39I-31Y-XX Datasheet HTML 3Page - BetLux Electronics BL-T39I-31Y-XX Datasheet HTML 4Page - BetLux Electronics BL-T39I-31Y-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED NUMERIC DISPLAY, 3 DIGIT
BL-T39X-31
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
10.0mm (0.39”) Three digit numeric display series.
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-T39I-31S-XX
BL-T39J-31S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
95
BL-T39I-31D-XX
BL-T39J-31D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
110
BL-T39I-31UR-XX
BL-T39J-31UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
115
BL-T39I-31E-XX
BL-T39J-31E-XX
Red
GaAsP/GaP
635
2.10
2.50
60
BL-T39I-31Y-XX
BL-T39J-31Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
60
BL-T39I-31G-XX
BL-T39J-31G-XX
Green
GaP/GaP
570
2.20
2.50
50
Ultra Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-T39I-31UHR-XX
BL-T39J-31UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
115
BL-T39I-31UE-XX
BL-T39J-31UE-XX
Ultra Red
AlGaInP
630
2.10
2.50
85
BL-T39I-31YO-XX
BL-T39J-31YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
85
BL-T39I-31UY-XX
BL-T39J-31UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
85
BL-T39I-31UG-XX
BL-T39J-31UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
120
BL-T39I-31PG-XX
BL-T39J-31PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
180
BL-T39I-31B-XX
BL-T39J-31B-XX
Ultra Blue
InGaN
470
2.70
4.20
90
BL-T39I-31W-XX
BL-T39J-31W-XX
Ultra White
InGaN
/
2.70
4.20
125
-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-T39I-31Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T39A-31 BETLUX-BL-T39A-31 Datasheet
309Kb / 5P
   10.0mm (0.39) Three digit Seven Segment LED display series
BL-T39A-31B BETLUX-BL-T39A-31B Datasheet
126Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T39A-31D BETLUX-BL-T39A-31D Datasheet
126Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
BL-T39A-31D-XX BETLUX-BL-T39A-31D-XX Datasheet
309Kb / 5P
   10.0mm (0.39) Three digit Seven Segment LED display series
BL-T39A-31E BETLUX-BL-T39A-31E Datasheet
126Kb / 4P
   LED NUMERIC DISPLAY, 3 DIGIT
More results

Similar Description - BL-T39I-31Y-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T39A-32 BETLUX-BL-T39A-32 Datasheet
328Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39G-32 BETLUX-BL-T39G-32 Datasheet
334Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39C-31 BETLUX-BL-T39C-31 Datasheet
334Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39C-32 BETLUX-BL-T39C-32 Datasheet
335Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39G-31 BETLUX-BL-T39G-31 Datasheet
336Kb / 5P
   10.0mm (0.39) Three digit numeric display series
BL-T39E-32 BETLUX-BL-T39E-32 Datasheet
332Kb / 5P
   10.0mm (0.39) Three digit numeric display series
logo
BRIGHT LED ELECTRONICS ...
BT-M346RD BRIGHT-BT-M346RD Datasheet
148Kb / 3P
   0.39(10.0MM)THREE DIGIT LED DISPLAY
logo
BetLux Electronics
BL-SS39C-12 BETLUX-BL-SS39C-12 Datasheet
418Kb / 7P
   10.0mm (0.39) Single digit numeric series, SMD DISPLAY
logo
Fairchild Semiconductor
MSD4H13C FAIRCHILD-MSD4H13C Datasheet
343Kb / 6P
   10.0mm (0.39 inch) Two Digit NUMERIC STICK DISPLAY
logo
BetLux Electronics
BL-T39A-31 BETLUX-BL-T39A-31 Datasheet
309Kb / 5P
   10.0mm (0.39) Three digit Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com