Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1168AIN8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1168AIN8
Description  Low Power, Single Resistor Gain Programmable, Micropower Precision Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1168AIN8 Datasheet(HTML) 2 Page - Linear Technology

  LT1168AIN8 Datasheet HTML 1Page - Linear Technology LT1168AIN8 Datasheet HTML 2Page - Linear Technology LT1168AIN8 Datasheet HTML 3Page - Linear Technology LT1168AIN8 Datasheet HTML 4Page - Linear Technology LT1168AIN8 Datasheet HTML 5Page - Linear Technology LT1168AIN8 Datasheet HTML 6Page - Linear Technology LT1168AIN8 Datasheet HTML 7Page - Linear Technology LT1168AIN8 Datasheet HTML 8Page - Linear Technology LT1168AIN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1168
Supply Voltage ......................................................
±20V
Differential Input Voltage (Within the
Supply Voltage) .....................................................
±40V
Input Voltage (Equal to Supply Voltage) ................
±20V
Input Current (Note 2) .......................................
±20mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) .. – 40
°C to 85°C
Specified Temperature Range
LT1168AC/LT1168C (Note 5) ............. – 40
°C to 85°C
LT1168AI/LT1168I ............................. – 40
°C to 85°C
Storage Temperature Range ................. – 40
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
S8 PART MARKING
LT1168ACN8
LT1168ACS8
LT1168AIN8
LT1168AIS8
LT1168CN8
LT1168CS8
LT1168IN8
LT1168IS8
1168A
1168AI
Consult factory for Military grade parts.
TJMAX = 150°C, θJA = 150°C/ W (N8)
TJMAX = 150°C, θJA = 190°C/ W (S8)
TA = 25°C. VS = ±15V, VCM = 0V, RL = 10k unless otherwise noted.
1168
1168I
(Note 1)
LT1168AC/LT1168AI
LT1168C/LT1168I
SYMBOL
PARAMETER
CONDITIONS (Note 6)
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
G
Gain Range
G = 1 + (49.4k/RG)
1
10k
1
10k
Gain Error
G = 1
0.008
0.02
0.015
0.03
%
G = 10 (Note 7)
0.04
0.4
0.05
0.5
%
G = 100 (Note 7)
0.04
0.5
0.05
0.6
%
G = 1000 (Note 7)
0.08
0.5
0.08
0.6
%
Gain Nonlinearity (Notes 7, 8)
VO = ±10V, G = 1
2
6
3
10
ppm
VO = ±10V,G = 10 and 100
10
20
15
25
ppm
VO = ±10V, G = 1000
20
40
25
60
ppm
VO = ±10V, G = 1, RL = 2k
4
15
5
20
ppm
VO = ±10V,G = 10 and 100, RL = 2k
20
40
30
60
ppm
VO = ±10V, G = 1000, RL = 2k
40
75
50
90
ppm
VOST
Total Input Referred Offset Voltage VOST = VOSI + VOSO/G
VOSI
Input Offset Voltage
G = 1000, VS = ±5V to ±15V
15
40
20
60
µV
VOSO
Output Offset Voltage
G = 1, VS = ±5V to ±15V
40
200
50
300
µV
IOS
Input Offset Current
50
300
60
450
pA
IB
Input Bias Current
40
250
80
500
pA
en
Input Noise Voltage, RTI
0.1Hz to 10Hz, G = 1
2.00
2.00
µVP-P
0.1Hz to 10Hz, G = 1000
0.28
0.28
µVP-P
Input Noise Voltage Density, RTI
fO = 1kHz
10
15
10
15
nV/
√Hz
Output Noise Voltage Density, RTI fO = 1kHz (Note 9)
165
220
165
220
nV/
√Hz
in
Input Noise Current
fO = 0.1Hz to 10Hz
5
5
pAP-P
Input Noise Current Density
fO = 10Hz
74
74
fA/
√Hz
RIN
Input Resistance
VIN = ±10V
300
1250
200
1250
G
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
8
7
6
5
TOP VIEW
RG
–IN
+IN
–VS
RG
+VS
OUTPUT
REF
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
+
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT1168AIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1168AIN8 LINER-LT1168AIN8 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
More results

Similar Description - LT1168AIN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1168 LINER-LT1168_06 Datasheet
363Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1168 LINER-LT1168_15 Datasheet
349Kb / 20P
   Low Power, Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_02 Datasheet
304Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167 Datasheet
426Kb / 20P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920_15 Datasheet
306Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1167 LINER-LT1167_15 Datasheet
364Kb / 22P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1920 LINER-LT1920 Datasheet
329Kb / 12P
   Single Resistor Gain Programmable, Precision Instrumentation Amplifier
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AD625 AD-AD625 Datasheet
463Kb / 15P
   Programmable Gain Instrumentation Amplifier
REV. D
AD8250 AD-AD8250_15 Datasheet
835Kb / 24P
   Programmable Gain Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com