Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1693 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1693
Description  High Speed Single/Dual N-Channel MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1693 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1693_15 Datasheet HTML 6Page - Linear Technology LTC1693_15 Datasheet HTML 7Page - Linear Technology LTC1693_15 Datasheet HTML 8Page - Linear Technology LTC1693_15 Datasheet HTML 9Page - Linear Technology LTC1693_15 Datasheet HTML 10Page - Linear Technology LTC1693_15 Datasheet HTML 11Page - Linear Technology LTC1693_15 Datasheet HTML 12Page - Linear Technology LTC1693_15 Datasheet HTML 13Page - Linear Technology LTC1693_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1693
corresponding to MOSFET’s VGS value (VCC in this case)
can be readily obtained from the manafacturer’s QGS vs
VGS curves:
Load Capacitive Power (MOS) = (VCC)(QG)(f)
Transition state power losses are due to both AC currents
required to charge and discharge the drivers’ internal
nodal capacitances and cross-conduction currents in the
internal gates.
UVLO and Thermal Shutdown
The LTC1693’s UVLO detector disables the input buffer
and pulls the output pin to ground if VCC < 4V. The output
remains off from VCC = 1V to VCC = 4V. This ensures that
during start-up or improper supply voltage values, the
LTC1693 will keep the output power MOSFET off.
The LTC1693 also has a thermal detector that similarly
disables the input buffer and grounds the output pin if
junction temperature exceeds 145
°C. The thermal shut-
down circuit has 20
°C of hysteresis. This thermal limit
helps to shut down the system should a fault condition
occur.
Input Voltage Range
LTC1693’s input pin is a high impedance node and essen-
tially draws neligible input current. This simplifies the
input drive circuitry required for the input.
The LTC1693 typically has 1.2V of hysteresis between its
low and high input thresholds. This increases the driver’s
robustness against any ground bounce noises. However,
care should still be taken to keep this pin from any noise
pickup, especially in high frequency switching
applications.
In applications where the input signal swings below the
GND pin potential, the input pin voltage must be clamped
to prevent the LTC1693’s parastic substrate diode from
turning on. This can be accomplished by connecting a
series current limiting resistor R1 and a shunting Schottky
diode D1 to the input pin (Figure 4). R1 ranges from 100
to 470
Ω while D1 can be a BAT54 or 1N5818/9.
VCC
IN
R1
D1
GND
LTC1693
INPUT SIGNAL
GOING BEL0W
GND PIN
POTENTIAL
PARASITIC
SUBSTRATE
DIODE
1693 F04
Bypassing and Grounding
LTC1693 requires proper VCCbypassingandgroundingdue
to its high speed switching (ns) and large AC currents (A).
Careless component placement and PCB trace routing may
cause excessive ringing and under/overshoot.
To obtain the optimum performance from the LTC1693:
A. Mount the bypass capacitors as close as possible to the
VCC and GND pins. The leads should be shortened as
much as possible to reduce lead inductance. It is
recommended to have a 0.1
µF ceramic in parallel with
a low ESR 4.7
µF bypass capacitor.
For high voltage switching in an inductive environment,
ensure that the bypass capacitors’ VMAX ratings are
high enough to prevent breakdown. This is especially
important for floating driver applications.
B. Use a low inductance, low impedance ground plane to
reduce any ground drop and stray capacitance. Re-
member that the LTC1693 switches 1.5A peak currents
and any significant ground drop will degrade signal
integrity.
C. Plan the ground routing carefully. Know where the large
load switching current is coming from and going to.
Maintain separate ground return paths for the input pin
and output pin. Terminate these two ground traces only
at the GND pin of the driver (STAR network).
D. Keep the copper trace between the driver output pin and
the load short and wide.
Figure 4
APPLICATIONS INFORMATION


Similar Part No. - LTC1693_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1693-1CS8 LINER-LTC1693-1CS8 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
LTC1693-1CS8 LINER-LTC1693-1CS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693-1IS8 LINER-LTC1693-1IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
More results

Similar Description - LTC1693_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1693-2IS8 LINER-LTC1693-2IS8 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
logo
Texas Instruments
TPS2816-Q1 TI-TPS2816-Q1 Datasheet
394Kb / 21P
[Old version datasheet]   SINGLE-CHANNEL HIGH-SPEED MOSFET DRIVERS
TPS2816-Q1 TI1-TPS2816-Q1_15 Datasheet
830Kb / 24P
[Old version datasheet]   Single-Channel High-Speed MOSFET Drivers
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
logo
Elantec Semiconductor
EL7202C ELANTEC-EL7202C Datasheet
219Kb / 8P
   High Speed, Dual Channel Power MOSFET Drivers
EL7104C ELANTEC-EL7104C Datasheet
195Kb / 8P
   High Speed, Single Channel, Power MOSFET Drivers
logo
Intersil Corporation
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com