Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1695 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1695
Description  SMBus/IC Fan Speed Controller in SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1695 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1695_15 Datasheet HTML 7Page - Linear Technology LTC1695_15 Datasheet HTML 8Page - Linear Technology LTC1695_15 Datasheet HTML 9Page - Linear Technology LTC1695_15 Datasheet HTML 10Page - Linear Technology LTC1695_15 Datasheet HTML 11Page - Linear Technology LTC1695_15 Datasheet HTML 12Page - Linear Technology LTC1695_15 Datasheet HTML 13Page - Linear Technology LTC1695_15 Datasheet HTML 14Page - Linear Technology LTC1695_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC1695
11
APPLICATIONS INFORMATION
OVERVIEW
The LTC1695 is a 5V brushless DC fan speed controller.
Fan speed is controlled by linear regulating the applied
voltage to the fan. To program fan speed, a system
controller or microprocessor first sends a 6-bit digital
code to the LTC1695 via a 2-wire SMBus/I2C interface. The
LTC1695’s DAC then converts this digital code into a
voltage reference. Finally, the LTC1695’s op amp loop
regulates the gate bias of the internal P-channel pass
transistor to control the corresponding output voltage.
The LTC1695 is designed for portable, power-conscious
systems that utilize small 5V brushless DC fans. These
fans are increasingly popular in providing efficient cooling
solutions in a small footprint. Smaller fans allow a user to
employ multiple fans at strategic physical locations to
govern a system’s thermal airflow (“air duct” concept).
These brushless DC fans also make use of the 5V supply
used by the main digital/analog circuitry, removing the
need for a 12V supply required by higher power fans.
The LTC1695’s P-channel linear regulator control ap-
proach offers the lowest solution component count, the
smallest PCB board space consumed, wide fan speed
control range and low acoustical/electrical generated noise.
Thermal concerns over the use of a linear regulator topol-
ogy are eliminated by the fan’s generally resistive behav-
ior. As the LTC1695 DAC codes are changed to lower the
output voltage, the voltage across the internal P-channel
pass transistor increases. However, the fan’s load current
decreases almost linearly, thereby controlling power dis-
sipation in the regulator. For example, a Micronel 5V, 0.7W
fan (40mm2 • 12mm) draws 80mA at 4V and 20mA at 2V.
Thus the P-channel pass transistor’s power loss de-
creases from 80mW to 60mW.
The LTC1695 incorporates several features to simplify the
overall solution including a boost start timer to ensure fan
start-up, output current limiting and thermal shutdown.
The boost start timer is enabled via the SMBus commands
and programs VOUT to full scale for 250ms before regulat-
ing at the user programmed output voltage. This elimi-
nates potential fan start-up problems at lower output
voltage DAC codes.
The LTC1695’s thermal shutdown circuit trips if die tem-
perature exceeds 155
°C. The P-channel pass transistor is
shut off and bit D6 in the LTC1695’s SMBus data register
is set high. If an overload or short-circuit condition occurs,
the LTC1695’s current-limit circuitry limits output current
to 390mA typically. In addition, bit D7 in the SMBus data
register is set high. The readback capability of the LTC1695
allows the host controller to monitor the status of the D6
and D7 bits for fault conditions.
SMBus Serial Interface
The LTC1695 is an SMBus slave device that supports both
SMBus send byte and receive byte protocol (Figure 2) with
two interface signals, SCL and SDA.
The SMBus host initiates communication with the LTC1695
through a start bit followed by a 7-bit address code and a
write bit. Each SMBus slave device in the system com-
pares the address code with its specific address. For send
byte and receive byte protocol, the write bit is LOW and
HIGH respectively. If selected, the LTC1695 acknowl-
edges by pulling SDA low.
If send byte protocol is used, the host issues an 8-bit
command code. After receiving the entire command byte,
the LTC1695 again acknowledges by pulling SDA low. At
the falling edge of the acknowledge pulse, the LTC1695’s
DAC latches in the new command byte from its shift
register.
If receive byte protocol is used, the LTC1695 acknowl-
edges by pulling SDA low after the write bit. The LTC1695
then transmits the data byte. After the host receives the
entire data byte, the cycle is terminated by a “NOT Ac-
knowledge” bit and a stop bit.


Similar Part No. - LTC1695_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1695CS5 LINER-LTC1695CS5 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
More results

Similar Description - LTC1695_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
   SMBus/I2C Fan Speed Controller in SOT-23
logo
SMSC Corporation
EMC1001 SMSC-EMC1001 Datasheet
317Kb / 16P
   1.5째C SMBus Temperature Sensor in Miniature SOT-23
logo
Maxim Integrated Produc...
MAX6641 MAXIM-MAX6641 Datasheet
474Kb / 17P
   SMBus-Compatible Temperature Monitor with Automatic PWM Fan-Speed Controller
Rev 1; 4/06
logo
Princeton Technology Co...
PT2127A PTC-PT2127A Datasheet
372Kb / 4P
   Fan Controller IC?
logo
International Rectifier
IR44272LPBF IRF-IR44272LPBF Datasheet
741Kb / 14P
   SOT-23 Gate Driver IC
logo
Infineon Technologies A...
IR44272LPBF INFINEON-IR44272LPBF Datasheet
734Kb / 14P
   SOT-23 Gate Driver IC
June 30, 2015
logo
International Rectifier
IR25750LPBF IRF-IR25750LPBF_15 Datasheet
744Kb / 17P
   SOT-23 Current Sensing IC
logo
Infineon Technologies A...
IR25750LPBF INFINEON-IR25750LPBF Datasheet
746Kb / 17P
   SOT-23 Current Sensing IC
January 15, 2015
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
   Fan Speed Controller
logo
Advanced Thermal Soluti...
FSC-200 ATS-FSC-200 Datasheet
584Kb / 1P
   FAN SPEED CONTROLLER
R2_0215
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com