Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1699 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1699
Description  SMBus VID Voltage Programmers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1699 Datasheet(HTML) 2 Page - Linear Technology

  LTC1699_15 Datasheet HTML 1Page - Linear Technology LTC1699_15 Datasheet HTML 2Page - Linear Technology LTC1699_15 Datasheet HTML 3Page - Linear Technology LTC1699_15 Datasheet HTML 4Page - Linear Technology LTC1699_15 Datasheet HTML 5Page - Linear Technology LTC1699_15 Datasheet HTML 6Page - Linear Technology LTC1699_15 Datasheet HTML 7Page - Linear Technology LTC1699_15 Datasheet HTML 8Page - Linear Technology LTC1699_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC1699 Series
2
ORDER PART
NUMBER
MS8 PART
MARKING
TJMAX = 125°C, θJA = 200°C/W
Consult factory for parts specified with wider operating temperature ranges.
LTPV
LTPW
LTTB
LTC1699EMS8-80
LTC1699EMS8-81
LTC1699EMS8-82
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. 2.7V ≤ VCC ≤ 5.5V (Notes 3, 4) unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Operating Supply Voltage Range
2.7
5.5
V
ICC
Supply Current
CPU_ON, IO_ON, CLK_ON, PGOOD Pins Are Open
q
350
µA
RFB-SENSE
Resistance between SENSE and FB
LTC1699-80, LTC1699-82
q
710
13
k
LTC1699-81
q
14
20
26
k
DE
Divider Error
All Divider Settings
q
– 0.35
0.35
%
VIH
SCL, SDA Input High Voltage
q
2.1
V
VIL
SCL, SDA Input Low Voltage
q
0.8
V
VIH
SEL, VRON Input High Voltage
1.3
2.0
V
VIL
SEL, VRON Input Low Voltage
q
0.8
1.3
V
VHYST
SEL, VRON Hysteresis
±50
mV
VOL
SDA, CPU_ON, IO_ON, CLK_ON
I = 3mA
q
0.4
V
Output Low Voltage
IIN
SCL, SDA, SEL, VRON Input Current
SDA Not Acknowledging, 0
≤ VPIN ≤ 5.5V,
VPIN = 5.5V for VRON only
q
±10
µA
Supply Voltage (VCC) ................................................. 7V
All Pins ........................................................– 0.3V to 7V
Operating Temperature
Range (Note 2) ................................ –40
°C ≤ TA ≤ 85°C
Junction Temperature ........................................... 125
°C
Storage Temperature ...................... -65
°C ≤ TA ≤ 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
GN PART
MARKING
169980
169981
169982
LTC1699EGN-80
LTC1699EGN-81
LTC1699EGN-82
TJMAX = 125°C, θJA = 130°C/W
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP
16
15
14
13
12
11
10
9
SEL
NC
SDA
SCL
VRON
PGOOD
NC
CPU_ON
VCC
GND
GND
FB
SENSE
NC
CLK_ON
IO_ON
1
2
3
4
SEL
SDA
SCL
PGOOD
8
7
6
5
VCC
GND
FB
SENSE
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP


Similar Part No. - LTC1699_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1699EGN-80 LINER-LTC1699EGN-80 Datasheet
254Kb / 20P
   SMBus VID Voltage Programmers
LTC1699EGN-81 LINER-LTC1699EGN-81 Datasheet
254Kb / 20P
   SMBus VID Voltage Programmers
LTC1699EGN-82 LINER-LTC1699EGN-82 Datasheet
254Kb / 20P
   SMBus VID Voltage Programmers
LTC1699EMS8-80 LINER-LTC1699EMS8-80 Datasheet
254Kb / 20P
   SMBus VID Voltage Programmers
LTC1699EMS8-81 LINER-LTC1699EMS8-81 Datasheet
254Kb / 20P
   SMBus VID Voltage Programmers
More results

Similar Description - LTC1699_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1699 LINER-LTC1699 Datasheet
254Kb / 20P
   SMBus VID Voltage Programmers
logo
List of Unclassifed Man...
SA015A1T ETC2-SA015A1T Datasheet
138Kb / 3P
   Universal Programmers
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
logo
Silicon Laboratories
AN169 SILABS-AN169 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
logo
STMicroelectronics
ST6-EPB STMICROELECTRONICS-ST6-EPB Datasheet
48Kb / 3P
   ST6 EPROM programmers
October 2010 Rev 1
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
   Programmers and Shorting Plugs
logo
Linear Technology
LTC1706-81 LINER-LTC1706-81 Datasheet
148Kb / 8P
   5-Bit Desktop VID Voltage Programmer
logo
Aries Electronics, Inc.
16003 ARIES-16003 Datasheet
192Kb / 1P
   Programmers and Shorting Plugs
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
   SMBus voltage-level translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com