Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1171M Datasheet(PDF) 8 Page - Linear Technology

Part # LT1171M
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1171M Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1171M Datasheet HTML 4Page - Linear Technology LT1171M Datasheet HTML 5Page - Linear Technology LT1171M Datasheet HTML 6Page - Linear Technology LT1171M Datasheet HTML 7Page - Linear Technology LT1171M Datasheet HTML 8Page - Linear Technology LT1171M Datasheet HTML 9Page - Linear Technology LT1171M Datasheet HTML 10Page - Linear Technology LT1171M Datasheet HTML 11Page - Linear Technology LT1171M Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1170/LT1171/LT1172
function; when pulled low with an external resistor, it
programs the LT1170/LT1171/LT1172 to disconnect the
main error amplifier output and connects the output of the
flyback amplifier to the comparator input. The LT1170/
LT1171/LT1172 will then regulate the value of the flyback
pulse with respect to the supply voltage.* This flyback
pulse is directly proportional to output voltage in the
traditional transformer coupled flyback topology regula-
tor. By regulating the amplitude of the flyback pulse, the
output voltage can be regulated with no direct connection
between input and output. The output is fully floating up to
the breakdown voltage of the transformer windings. Mul-
tiple floating outputs are easily obtained with additional
windings. A special delay network inside the LT1170/
LT1171/LT1172 ignores the leakage inductance spike at
the leading edge of the flyback pulse to improve output
regulation.
The error signal developed at the comparator input is
brought out externally. This pin (VC) has four different
functions. It is used for frequency compensation, current
limit adjustment, soft starting, and total regulator shut-
down. During normal regulator operation this pin sits at a
voltage between 0.9V (low output current) and 2.0V (high
output current). The error amplifiers are current output
(gm) types, so this voltage can be externally clamped for
adjusting current limit. Likewise, a capacitor coupled
external clamp will provide soft start. Switch duty cycle
goes to zero if the VC pin is pulled to ground through a
diode, placing the LT1170/LT1171/LT1172 in an idle mode.
Pulling the VC pin below 0.15V causes total regulator
shutdown, with only 50
µA supply current for shutdown
circuitry biasing. See AN19 for full application details.
Extra Pins on the MiniDIP and Surface Mount Packages
The 8- and 16-pin versions of the LT1172 have the
emitters of the power transistor brought out separately
from the ground pin. This eliminates errors due to ground
pin voltage drops and allows the user to reduce switch
current limit 2:1 by leaving the second emitter (E2) discon-
nected. The first emitter (E1) should always be connected
to the ground pin. Note that switch “on” resistance doubles
when E2 is left open, so efficiency will suffer somewhat
when switch currents exceed 300mA. Also, note that chip
dissipation will actually
increase with E2 open during
normal load operation, even though dissipation in current
limit mode will
decrease. See “Thermal Considerations”
next.
Thermal Considerations When Using the MiniDIP and
SW Packages
The low supply current and high switch efficiency of the
LT1172 allow it to be used without a heat sink in most
applications when the TO-220 or TO-3 package is se-
lected. These packages are rated at 50
°C/W and 35°C/W
respectively.The miniDIPs, however,are rated at 100
°C/W
in ceramic (J) and 130
°C/W in plastic (N).
Care should be taken for miniDIP applications to ensure
that the worst case input voltage and load current condi-
tions do not cause excessive die temperatures. The follow-
ing formulas can be used as a rough guide to calculate
LT1172 power dissipation. For more details, the reader is
referred to Application Note 19 (AN19), “Efficiency Calcu-
lations” section.
Average supply current (including driver current) is:
IIN ≈ 6mA + ISW(0.004 + DC/40)
ISW = switch current
DC = switch duty cycle
Switch power dissipation is given by:
PSW = (ISW)2 • (RSW)(DC)
RSW = LT1172 switch “on” resistance (1Ω maximum)
Total power dissipation is the sum of supply current times
input voltage plus switch power:
PD(TOT) = (IIN)(VIN) + PSW
In a typical example, using a boost converter to generate
12V at 0.12A from a 5V input, duty cycle is approximately
60%, and switch current is about 0.65A, yielding:
IIN = 6mA + 0.65(0.004 + DC/40) = 18mA
PSW = (0.65)2 • (1Ω)(0.6) = 0.25W
PD(TOT) = (5V)(0.018A) + 0.25 = 0.34W
*See note under block diagram.
OPERATIO


Similar Part No. - LT1171M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1171HV LINER-LT1171HV Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results

Similar Description - LT1171M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172 UTC-P2172 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
   100kHz 1.25A Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com