Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1745 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1745
Description  Low Noise,12-Bit, 25Msps ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1745 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1745_15 Datasheet HTML 5Page - Linear Technology LTC1745_15 Datasheet HTML 6Page - Linear Technology LTC1745_15 Datasheet HTML 7Page - Linear Technology LTC1745_15 Datasheet HTML 8Page - Linear Technology LTC1745_15 Datasheet HTML 9Page - Linear Technology LTC1745_15 Datasheet HTML 10Page - Linear Technology LTC1745_15 Datasheet HTML 11Page - Linear Technology LTC1745_15 Datasheet HTML 12Page - Linear Technology LTC1745_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1745
1745f
12-BIT
PIPELINED ADC
12
S/H
AMP
±1V
DIFFERENTIAL
ANALOG INPUT
AIN
+
AIN
SENSE
VCM
4.7
µF
DIFF AMP
REFLA
REFHB
GND
1745 BD
ENC
4.7
µF
1
µF1µF
0.1
µF
0.1
µF
REFHA
REFLB
BUFFER
RANGE
SELECT
2.35VREF
OUTPUT
LATCHES
CONTROL LOGIC
OVDD
VDD
OGND
0.5V TO 5V
5V
0.1
µF
1
µF
1
µF
1
µF
D11
D0
CLKOUT
OF
ENC
DIFFERENTIAL
ENCODE INPUT
OE
MSBINV
0.1
µF
t4
1745 TD
t3
t6
t5
t5
N
t1
t2
DATA (N – 5)
D11 TO D0
ANALOG
INPUT
ENCODE
DATA
CLKOUT
DATA (N – 4)
D11 TO D0
DATA (N – 3)
D11 TO D0
t7
t8
DATA N
D11 TO D0, OF AND CLKOUT
OE
DATA
TI I G DIAGRA
FU CTIO AL BLOCK DIAGRA


Similar Part No. - LTC1745_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1745CFW LINER-LTC1745CFW Datasheet
208Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1745IFW LINER-LTC1745IFW Datasheet
208Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
More results

Similar Description - LTC1745_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1745 LINER-LTC1745 Datasheet
208Kb / 20P
   Low Noise,12-Bit, 25Msps ADC
LTC1746 LINER-LTC1746 Datasheet
211Kb / 20P
   Low Power,14-Bit, 25Msps ADC
LTC2226H LINER-LTC2226H Datasheet
190Kb / 16P
   12-Bit, 25Msps 125째C ADC in LQFP
LTC2226H LINER-LTC2226H_15 Datasheet
258Kb / 18P
   12-Bit, 25Msps 125C ADC in LQFP
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1746 LINER-LTC1746_15 Datasheet
217Kb / 20P
   Low Power,14-Bit, 25Msps ADC
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
   12-Bit, 80Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
   12-Bit, 65Msps Low Noise ADC
LTC2308 LINER-LTC2308_15 Datasheet
384Kb / 20P
   Low Noise, 500ksps, 8-Channel, 12-Bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com