Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1175CT Datasheet(PDF) 4 Page - Linear Technology

Part # LT1175CT
Description  500mA Negative Low Dropout Micropower Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1175CT Datasheet(HTML) 4 Page - Linear Technology

  LT1175CT Datasheet HTML 1Page - Linear Technology LT1175CT Datasheet HTML 2Page - Linear Technology LT1175CT Datasheet HTML 3Page - Linear Technology LT1175CT Datasheet HTML 4Page - Linear Technology LT1175CT Datasheet HTML 5Page - Linear Technology LT1175CT Datasheet HTML 6Page - Linear Technology LT1175CT Datasheet HTML 7Page - Linear Technology LT1175CT Datasheet HTML 8Page - Linear Technology LT1175CT Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1175
TYPICAL PERFORMANCE CHARACTERISTICS
Typical Current Limit
Characteristics
INPUT-TO-OUTPUT DIFFERENTIAL VOLTAGE (V)
0
0.6
0.5
0.4
0.3
0.2
0.1
0
510
15
20
1175 G02
25
CURVES REPRE-
SENT MINIMUM
GUARANTEED
LIMITS AT ALL
TEMPERATURES
ILIM2, ILIM4 OPEN
ILIM4 TIED TO VIN
ILIM2 TIED TO VIN
ILIM2, ILIM TIED TO VIN
Guaranteed Current Limit
JUNCTION TEMPERATURE (
°C)
–50
5.05
5.00
4.95
3.84
3.80
3.76
0
50
75
1175 G03
–25
25
100
125
OUTPUT
FIXED 5V PART
FEEDBACK VOLTAGE
ADJUSTABLE PART
Output Voltage Temperature Drift
Minimum Input-to-Output Voltage
OUTPUT CURRENT (A)
0
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.5
1175 G04
0.1
0.3
0.6
0.7
TJ = 25°C
VIN REDUCED
UNTIL OUTPUT
VOLTAGE
DROPS 1%
ILIM2, ILIM4
OPEN
ILIM2, ILIM4
TIED TO VIN
ILIM4 TIED
TO VIN
ILIM2 TIED
TO VIN
Minimum Input-to-Output Voltage
TEMPERATURE (
°C)
–50
100
80
60
40
20
0
0
50
75
1175 G06
–25
25
100
125
OUTPUT CURRENT (A)
0
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.5
1175 G05
0.1
0.3
0.6
0.7
VIN REDUCED UNTIL OUTPUT
VOLTAGE DROPS 1%.
ILIM2, ILIM4 TIED TO VIN
TJ = 125°C
TJ = –55°C
TJ = 25°C
SENSE Bias Current
(Adjustable Part)
INPUT-TO-OUTPUT DIFFERENTIAL VOLTAGE (V)
0
1.0
0.8
0.6
0.4
0.2
0
20
1175 G01
5
10
15
25
ILIM2, ILIM TIED TO VIN
ILIM2, ILIM4 OPEN
ILIM4 TIED TO VIN
ILIM2 TIED TO VIN
CURRENT LIMIT CHANGES ONLY SLIGHTLY
WITH TEMPERATURE SO CURVES ARE
REPRESENTATIVE OF ALL TEMPERATURES
Shutdown Thresholds
Shutdown Input Current
SHDN Pin Characteristics
SHUTDOWN TO GROUND VOLTAGE (V)
–25 –20
–10
0
15
10
5
0
–5
–10
15
1175 G09
–15
–5
10
20
5
25
VIN = 25V
CHARACTERISTICS DO NOT
CHANGE SIGNIFICANTLY WITH
TEMPERATURE, SO A SINGLE
CURVE IS SHOWN. POSITIVE
CURRENT FLOWS INTO
SHDN PIN
IF SHDN PIN IS NEGATIVE WITH
RESPECT TO INPUT VOLTAGE AND
INPUT VOLTAGE IS LESS THAN 15V,
NEGATIVE BREAKOVER POINT WILL
BE ABOUT 8V BELOW –VIN
TEMPERATURE (
°C)
–50
2.5
2.0
1.5
1.0
0.5
0
0
50
25
75
1175 G08
–25
100
125
POSITIVE THRESHOLD
NEGATIVE THRESHOLD
DEVICE IS OFF
BELOW THRESHOLD
INPUT VOLTAGE (V)
0
25
20
15
10
5
0
20
1175 G07
5
10
15
25
TJ = 125°C
TJ = –55°C
TJ = 25°C


Similar Part No. - LT1175CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175CT LINER-LT1175CT Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175CT LINER-LT1175CT Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175CT-5 LINER-LT1175CT-5 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175CT-5 LINER-LT1175CT-5 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175CT-5-PBF LINER-LT1175CT-5-PBF Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
More results

Similar Description - LT1175CT

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3029 LINER-LT3029_15 Datasheet
1Mb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1964 LINER-LT1964 Datasheet
193Kb / 12P
   Low Dropout Negative Micropower Regulator in ThinSOT
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com