Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1185M Datasheet(PDF) 8 Page - Linear Technology

Part # LT1185M
Description  Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185M Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1185M Datasheet HTML 4Page - Linear Technology LT1185M Datasheet HTML 5Page - Linear Technology LT1185M Datasheet HTML 6Page - Linear Technology LT1185M Datasheet HTML 7Page - Linear Technology LT1185M Datasheet HTML 8Page - Linear Technology LT1185M Datasheet HTML 9Page - Linear Technology LT1185M Datasheet HTML 10Page - Linear Technology LT1185M Datasheet HTML 11Page - Linear Technology LT1185M Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LT1185
APPLICATIO S I FOR ATIO
factor is that local ambient temperature may be somewhat
higher because of the point source of heat. The conse-
quences of excess junction temperature include poor
reliability, especially for plastic packages, and the possi-
bility of thermal shutdown or degraded electrical charac-
teristics. The final design should be checked
in situ with a
thermocouple attached to the regulator case under worst-
case conditions of high ambient, high input voltage and
full load.
What About Overloads?
IC regulators with thermal shutdown, like the LT1185,
allow heat sink designs which concentrate on worst-case
“normal” conditions and ignore “fault” conditions. An
output overload or short may force the regulator to exceed
its maximum junction temperature rating, but thermal
shutdown is designed to prevent regulator failure under
these conditions. A word of caution however; thermal
shutdown temperatures are typically 175
°C in the control
portion of the die and 180
°C to 225°C in the power
transistor section. Extended operation at these tempera-
tures can cause permanent degradation of plastic encap-
sulation. Designs which may be subjected to extended
periods of overload should either use the hermetic TO-3
package or increase heat sink size. Foldback current
limiting can be implemented to minimize power levels
under fault conditions.
External Current Limit
The LT1185 requires a resistor to set current limit. The
value of this resistor is 15k divided by the desired current
limit (in amps). The resistor for 2A current limit would be
15k/2A = 7.5k. Tolerance over temperature is
±10%, so
current limit is normally set 15% above maximum load
current. Foldback limiting can be employed if short-circuit
current must be lower than full load current (see Typical
Applications).
The LT1185 has internal current limiting which will over-
ride external current limit if power in the pass transistor is
excessive. The internal limit is
≈3.6A with a foldback
characteristic which is dependent on input-output voltage,
not output voltage
per se (see Typical Performace Charac-
teristics).
Ground Pin Current
Ground pin current for the LT1185 is approximately 2mA
plus IOUT/40. At IOUT = 3A, ground pin current is typically
2mA + 3/40 = 77mA. Worst case guarantees on the ratio of
IOUT to ground pin current are contained in the Electrical
Specifications.
Ground pin current can be important for two reasons. It
adds to power dissipation in the regulator and it can affect
load/line regulation if a long line is run from the ground pin
to load ground. The additional power dissipation is found
by multiplying ground pin current by input voltage. In a
typical example, with VIN = 8V, VOUT = 5V and IOUT = 2A, the
LT1185 will dissipate (8V – 5V)(2A) = 6W in the pass
transistor and (2A/40)(8V) = 0.4W in the internal drive
circuitry. This is only a 1.5% efficiency loss, and a 6.7%
increase in regulator power dissipation, but these values
will increase at higher output voltages.
Ground pin current can affect regulation as shown in
Figure 2. Parasitic resistance in the ground pin lead will
create a voltage drop which
increases output voltage as
load current is increased. Similarly, output voltage can
decrease as input voltage increases because the “IOUT/40”
component of ground pin current drops significantly at
higher input-output differentials. These effects are small
enough to be ignored for local regulation applications, but
for remote sense applications, they may need to be consid-
ered. Ground lead resistance of 0.4
Ω would cause an
output voltage error of up to (3A/40)(0.4
Ω) = 30mV, or
0.6% at VOUT = 5V. Note that if the sense leads are
connected as shown in Figure 2, with ra ≈ 0Ω, this error is
a fixed number of millivolts, and does not increase as a
function of DC output voltage.


Similar Part No. - LT1185M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1185MK LINER-LT1185MK Datasheet
179Kb / 16P
   Low Dropout Regulator
More results

Similar Description - LT1185M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com