Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1171I Datasheet(PDF) 6 Page - Linear Technology

Part # LT1171I
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1171I Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1171I Datasheet HTML 2Page - Linear Technology LT1171I Datasheet HTML 3Page - Linear Technology LT1171I Datasheet HTML 4Page - Linear Technology LT1171I Datasheet HTML 5Page - Linear Technology LT1171I Datasheet HTML 6Page - Linear Technology LT1171I Datasheet HTML 7Page - Linear Technology LT1171I Datasheet HTML 8Page - Linear Technology LT1171I Datasheet HTML 9Page - Linear Technology LT1171I Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LT1170/LT1171/LT1172
TEMPERATURE (
°C)
1170/1/2 G16
400
350
300
250
200
150
100
50
0
–75
–25
25
50
150
–50
0
75 100 125
– 400
– 350
– 300
– 250
– 200
– 150
–100
–50
0
CURRENT (OUT OF VC PIN)
VOLTAGE
VC VOLTAGE IS REDUCED UNTIL
REGULATOR CURRENT DROPS
BELOW 300
µA
JUNCTION TEMPERATURE (
°C)
–75
–25
25
50
150
1170/1/2 G17
–50
0
75 100 125
2.2
2.0
1.8
1.6
1.4
1.2
1.0
Isolated Mode Flyback
Reference Voltage
TEMPERATURE (
°C)
1170/1/2 G18
23
22
21
20
19
18
17
16
15
–75
–25
25
50
150
–50
0
75 100 125
RFB = 500Ω
RFB = 1k
RFB = 10k
Normal/Flyback Mode Threshold on
Feedback Pin
TEMPERATURE (
°C)
–50
500
490
480
470
460
450
440
430
420
410
400
0
50
75
1170/1/2 G20
–25
25
100 125
150
–24
–22
–20
–18
–16
–14
–12
–10
–8
–6
–4
FEEDBACK PIN CURRENT
(AT THRESHOLD)
FEEDBACK PIN VOLTAGE
(AT THRESHOLD)
Flyback Blanking Time
Shutdown Thresholds
Transconductance of Error
Amplifier
FREQUENCY (Hz)
1k
7000
6000
5000
4000
3000
2000
1000
0
–1000
10k
100k
1170/1/2 G19
1M
10M
–30
0
30
60
90
120
150
180
210
θ
gm
TEMPERATURE (
°C)
11
10
9
8
7
6
5
4
3
2
1
1170/1/2 G13
–75
–25
25
50
150
–50
0
75 100 125
VSUPPLY = 60V
VSUPPLY = 3V
VC = 0.6V
Feedback Pin Clamp Voltage
Switch “Off” Characteristics
Idle Supply Current vs
Temperature
FEEDBACK CURRENT (mA)
0
500
450
400
350
300
250
200
150
100
50
0
0.4
1170/1/2 G14
0.1 0.2 0.3
0.5 0.6 0.7 0.8 0.9 1.0
–55
°C
25
°C
150
°C
SWITCH VOLTAGE (V)
0
1000
900
800
700
600
500
400
300
200
100
0
40
1170/1/2 G15
10
20 30
50 60 70 80 90 100
VSUPPLY
= 55V
VSUPPLY
= 3V
VSUPPLY
= 15V
VSUPPLY
= 40V
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1171I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1171HV LINER-LT1171HV Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results

Similar Description - LT1171I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172 UTC-P2172 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
   100kHz 1.25A Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com