Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2645 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2645
Description  Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2645 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2645_15 Datasheet HTML 6Page - Linear Technology LTC2645_15 Datasheet HTML 7Page - Linear Technology LTC2645_15 Datasheet HTML 8Page - Linear Technology LTC2645_15 Datasheet HTML 9Page - Linear Technology LTC2645_15 Datasheet HTML 10Page - Linear Technology LTC2645_15 Datasheet HTML 11Page - Linear Technology LTC2645_15 Datasheet HTML 12Page - Linear Technology LTC2645_15 Datasheet HTML 13Page - Linear Technology LTC2645_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTC2645
10
2645f
For more information www.linear.com/LTC2645
Typical perForMance characTerisTics
Multiplying Bandwidth
Gain Error vs Reference Input
Gain Error vs Temperature
Headroom at Rails vs
Output Current
Noise Voltage vs Frequency
DAC-to-DAC Crosstalk (Dynamic)
Supply Current vs Input Period
(tPER)
Supply Current vs Duty Cycle
(tPW/tPER)
Mid-Scale Glitch Impulse
100
1k
10
1
10k
100k
PERIOD (µs)
2645 G23
10
9
8
7
6
5
4
3
2
1
0
VCC = 3V
VCC = 5V
LTC2645-12
DUTY CYCLE = 50%
4-CHANNELS ACTIVE
50
75
100
25
0
DUTY CYCLE (%)
2645 G24
4.50
4.25
4.00
3.75
3.50
LTC2645-12
VCC = 3V, IDLSEL = 0V
4-CHANNELS ACTIVE
tPER = 20ms
tPER = 200µs
1k
10k
100k
1M
FREQUENCY (Hz)
2645 G26
2
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
VCC = 5V
VREF(DC) = 2V
VREF(AC) = 0.2VP-P
CODE = FULL SCALE
1
2.5
2
1.5
4 4.5 5
3 3.5
5.5
REFERENCE VOLTAGE (V)
2645 G27
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5.5V
GAIN ERROR OF 4 CHANNELS
–50
0
–25
75
100
25
50
125
TEMPERATURE (°C)
2645 G28
1.0
0.5
0
–0.5
–1.0
0
1
2
3
4
5
6
9
7
8
10
IOUT (mA)
2645 G29
5.0
4.5
4.0
3.5
3.0
2.0
1.5
1.0
2.5
0.5
0
3V SOURCING
5V SINKING
3V SINKING
5V SOURCING
100
1k
10k
100k
1M
FREQUENCY (Hz)
2645 G30
500
400
300
200
100
0
VCC = 5V
CODE = MID-SCALE
INTERNAL REF
2µs/DIV
2645 G31
INA/INB/INC
5V/DIV
DACs A-C
SWITCH 0-FS
2V/DIV
VOUTD
1mV/DIV
LTC2645-12, VCC = 5V
VREF = 2.5V
0.9nV-s TYP
(TA = 25°C, unless otherwise noted.)
(Internal Reference, VFS = 2.5V)
2µs/DIV
2645 G25
VOUTX
5mV/DIV
INX
5V/DIV
LTC2645-12
VCC = 5V
2.1nV • s TYPICAL


Similar Part No. - LTC2645_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2645 LINER-LTC2645 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2645 AD-LTC2645 Datasheet
357Kb / 20P
   Quad PWM DAC Reference
More results

Similar Description - LTC2645_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2644 LINER-LTC2644_15 Datasheet
412Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2632 LINER-LTC2632_15 Datasheet
1Mb / 24P
   Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com