Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2845 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2845
Description  3.3V Software-Selectable Multiprotocol Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2845_15 Datasheet HTML 4Page - Linear Technology LTC2845_15 Datasheet HTML 5Page - Linear Technology LTC2845_15 Datasheet HTML 6Page - Linear Technology LTC2845_15 Datasheet HTML 7Page - Linear Technology LTC2845_15 Datasheet HTML 8Page - Linear Technology LTC2845_15 Datasheet HTML 9Page - Linear Technology LTC2845_15 Datasheet HTML 10Page - Linear Technology LTC2845_15 Datasheet HTML 11Page - Linear Technology LTC2845_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC2845
sn2845 2845fs
ODE SELECTIO
(Note 1)
(Note 4)
(Note 4) (Note 1)
D4A
MODE NAME
M2
M1
M0
DCE
D1, D2,
D3
D1
D2
D3
D5A
/DTE
D4, D5
A
B
A
B
A
B
Not Used
(Default V.11)
0
0
0
0
TTL
X
V.11
V.11
V.11
V.11
Z
Z
V.10
RS530A
0
0
1
0
TTL
X
V.11
V.11
V.10
Z
Z
Z
V.10
RS530
0
1
0
0
TTL
X
V.11
V.11
V.11
V.11
Z
Z
V.10
X.21
0
1
1
0
TTL
X
V.11
V.11
V.11
V.11
Z
Z
V.10
V.35
1
0
0
0
TTL
X
V.28
Z
V.28
Z
Z
Z
V.28
RS449/V.36
1
0
1
0
TTL
X
V.11
V.11
V.11
V.11
Z
Z
V.10
V.28/RS232
1
1
0
0
TTL
X
V.28
Z
V.28
Z
Z
Z
V.28
No Cable
1
1
1
0
X
X
Z
Z
Z
Z
Z
Z
Z
Not Used
(Default V.11)
0
0
0
1
TTL
TTL
V.11
V.11
V.11
V.11
V.11
V.11
V.10
RS530A
0
0
1
1
TTL
TTL
V.11
V.11
V.10
Z
V.11
V.11
V.10
RS530
0
1
0
1
TTL
TTL
V.11
V.11
V.11
V.11
V.11
V.11
V.10
X.21
0
1
1
1
TTL
TTL
V.11
V.11
V.11
V.11
V.11
V.11
V.10
V.35
1
0
0
1
TTL
TTL
V.28
Z
V.28
Z
V.28
Z
V.28
RS449/V.36
1
0
1
1
TTL
TTL
V.11
V.11
V.11
V.11
V.11
V.11
V.10
V.28/RS232
1
1
0
1
TTL
TTL
V.28
Z
V.28
Z
V.28
Z
V.28
No Cable
1
1
1
1
X
X
Z
Z
Z
Z
Z
Z
Z
MODE NAME
M2
M1
M0
DCE
/DTE
Not Used
(Default V.11)
0
0
0
0
RS530A
0
0
1
0
RS530
0
1
0
0
X.21
0
1
1
0
V.35
100
0
RS449/V.36
1
0
1
0
V.28/RS232
1
1
0
0
No Cable
1
1
1
0
Not Used
(Default V.11)
0
0
0
1
RS530A
0
0
1
1
RS530
0
1
0
1
X.21
0
1
1
1
V.35
100
1
RS449/V.36
1
0
1
1
V.28/RS232
1
1
0
1
No Cable
1
1
1
1
(Note 2)
(Note 3)
(Note 2)
(Note 2)
(Note 2)
(Note 5) (Note 3) (Note 5)
R1
R2
R3
R4A
R1
R2, R3
A
B
A
B
A
B
R5A
R4, R5
V.11
V.11
V.11
V.11
V.11
V.11
V.10
CMOS
CMOS
V.11
V.11
V.10
30k
V.11
V.11
V.10
CMOS
CMOS
V.11
V.11
V.11
V.11
V.11
V.11
V.10
CMOS
CMOS
V.11
V.11
V.11
V.11
V.11
V.11
V.10
CMOS
CMOS
V.28
30k
V.28
30k
V.28
30k
V.28
CMOS
CMOS
V.11
V.11
V.11
V.11
V.11
V.11
V.10
CMOS
CMOS
V.28
30k
V.28
30k
V.28
30k
V.28
CMOS
CMOS
30k
30k
30k
30k
30k
30k
30k
Z
Z
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
30k
30k
V.10
30k
V.11
V.11
V.10
Z
CMOS
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
30k
30k
V.28
30k
V.28
30k
V.28
Z
CMOS
30k
30k
V.11
V.11
V.11
V.11
V.10
Z
CMOS
30k
30k
V.28
30k
V.28
30k
V.28
Z
CMOS
30k
30k
30k
30k
30k
30k
30k
Z
Z
Note 1: Driver inputs are TTL level compatible.
Note 2: Unused receiver inputs are terminated with 30k to ground.
Note 3: Receiver outputs are CMOS level compatible and have a weak pull-up to VIN when Z.
Note 4: Driver 4 is enabled by D4ENB=0 (Pin 15).
Note 5: Receiver 4 is enabled by R4EN=1 (Pin 16).


Similar Part No. - LTC2845_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2845CG LINER-LTC2845CG Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2845CUHF LINER-LTC2845CUHF Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2845IG LINER-LTC2845IG Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2845IUHF LINER-LTC2845IUHF Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
More results

Similar Description - LTC2845_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2844 LINER-LTC2844_15 Datasheet
246Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844 Datasheet
241Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845 Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com