Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2845 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2845
Description  3.3V Software-Selectable Multiprotocol Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2845 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2845_15 Datasheet HTML 6Page - Linear Technology LTC2845_15 Datasheet HTML 7Page - Linear Technology LTC2845_15 Datasheet HTML 8Page - Linear Technology LTC2845_15 Datasheet HTML 9Page - Linear Technology LTC2845_15 Datasheet HTML 10Page - Linear Technology LTC2845_15 Datasheet HTML 11Page - Linear Technology LTC2845_15 Datasheet HTML 12Page - Linear Technology LTC2845_15 Datasheet HTML 13Page - Linear Technology LTC2845_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC2845
sn2845 2845fs
APPLICATIONS INFORMATION
Overview
The LTC2846/LTC2845 or LTC2847/LTC2845 form the
core of a complete software-selectable DTE or DCE inter-
face port that supports the RS232, RS449, EIA530, EIA530-
A, V.35, V.36 or X.21 protocols. Cable termination is
provided on-chip, eliminating the need for discrete de-
signs.
LTC2846
DTE
LTC2846
DCE
2845 F09
D3
D3
R1
103
103
103
R3
LTC2845
D3
D4
D2
R1
R2
R3
LL
TM
RI
RL
TXC
RXC
RXD
TXD
SCTE
TXC
RXC
RXD
SERIAL
CONTROLLER
D2
103
SCTE
R2
D1
103
TXD
R3
R1
D2
D1
LTC2845
R2
R1
R3
D2
D1
D4
D5
TXD
SCTE
TXC
RXC
RXD
RTS
DTR
DCD
DSR
CTS
LL
TM
RTS
DTR
DCD
DSR
CTS
RTS
DTR
DCD
DSR
CTS
LL
TM
RI
RL
RI
RL
SERIAL
CONTROLLER
R2
R4
D3
R4
R5
D5
R5
D1
Figure 9. Complete Multiprotocol Interface in EIA530 Mode
A complete DCE-to-DTE interface operating in EIA530
mode is shown in Figure 9. The LTC2846 of each port is
used to generate the clock and data signals. The LTC2845
is used to generate the control signals along with LL (Local
Loop-Back), RL (Remote Loop-Back), TM (Test Mode)
and RI (Ring Indicate). Cable termination is used only for
the clock and data signals because they must support V.11
cable termination. The control signals do not need any
external resistors.


Similar Part No. - LTC2845_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2845CG LINER-LTC2845CG Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2845CUHF LINER-LTC2845CUHF Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2845IG LINER-LTC2845IG Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2845IUHF LINER-LTC2845IUHF Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
More results

Similar Description - LTC2845_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2844 LINER-LTC2844_15 Datasheet
246Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2844 LINER-LTC2844 Datasheet
241Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC2845 LINER-LTC2845 Datasheet
250Kb / 20P
   3.3V Software-Selectable Multiprotocol Transceiver
LTC1343 LINER-LTC1343 Datasheet
382Kb / 28P
   Software-Selectable Multiprotocol Transceiver
LTC2846 LINER-LTC2846_15 Datasheet
288Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC2846 LINER-LTC2846 Datasheet
322Kb / 24P
   3.3V Software-Selectable Multiprotocol Transceiver with Termination
LTC1545 LINER-LTC1545 Datasheet
244Kb / 16P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543 Datasheet
281Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1544 LINER-LTC1544 Datasheet
277Kb / 20P
   Software-Selectable Multiprotocol Transceiver
LTC1543 LINER-LTC1543_15 Datasheet
306Kb / 20P
   Software-Selectable Multiprotocol Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com