Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1137ACG Datasheet(PDF) 9 Page - Linear Technology

Part # LT1137ACG
Description  Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1137ACG Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1137ACG Datasheet HTML 4Page - Linear Technology LT1137ACG Datasheet HTML 5Page - Linear Technology LT1137ACG Datasheet HTML 6Page - Linear Technology LT1137ACG Datasheet HTML 7Page - Linear Technology LT1137ACG Datasheet HTML 8Page - Linear Technology LT1137ACG Datasheet HTML 9Page - Linear Technology LT1137ACG Datasheet HTML 10Page - Linear Technology LT1137ACG Datasheet HTML 11Page - Linear Technology LT1137ACG Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1130A/LT1140A Series
TYPICAL APPLICATIO S
Operation Using 5V and 12V Power Supplies
Typical Mouse Driving Application
LT1130A • TA03
5V VCC
12V V+
0.1
µF
TO LINE
LT1137A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
RX IN
DRIVER OUT
RX IN
ON/0FF = 5V
28
27
26
25
24
23
22
21
20
19
18
17
16
15
0.1
µF
× 2
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
RX OUT
DRIVER IN
RX OUT
TO LOGIC
V
VCC
C1
C1+
0.01
µF
0.01
µF
GND
DRIVER DISABLE
V+
LT1130A • TA04
5V VCC
0.1
µF
0.1
µF
× 2
0.1
µF
DB9
LT1137A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DRIVER 1 OUT
RX1 IN
DRIVER 2 OUT
RX2 IN
RX3 IN
RX4 IN
DRIVER 3 OUT
RX5 IN
ON/OFF
28
27
26
25
24
23
22
21
20
19
18
17
16
15
0.1
µF
× 2
DRIVER 1 IN
RX1 OUT
DRIVER 2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DRIVER 3 IN
RX5 OUT
GND
DRIVER DISABLE
MOUSE
V
V+
LOGIC “0”
LOGIC “0”
MOUSE DATA
LOGIC “1”
DCD
DSR
RX
RTS
TX
CTS
DTR
RI
(1)
(9)
(5)
LOGIC
OPTICS
V+
V


Similar Part No. - LT1137ACG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1137A LINER-LT1137A Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
More results

Similar Description - LT1137ACG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1130A LINER-LT1130A_15 Datasheet
210Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1140A LINER-LT1140A_15 Datasheet
210Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1537 LINER-LT1537 Datasheet
250Kb / 8P
   Advanced Low Power 5V RS232 Transceiver with Small Capacitors
LT1537 LINER-LT1537_15 Datasheet
230Kb / 8P
   Advanced Low Power 5V RS232 Transceiver with Small Capacitors
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1080 LINER-LT1080 Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com