Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3404 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3404
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404 Datasheet(HTML) 3 Page - Linear Technology

  LTC3404_15 Datasheet HTML 1Page - Linear Technology LTC3404_15 Datasheet HTML 2Page - Linear Technology LTC3404_15 Datasheet HTML 3Page - Linear Technology LTC3404_15 Datasheet HTML 4Page - Linear Technology LTC3404_15 Datasheet HTML 5Page - Linear Technology LTC3404_15 Datasheet HTML 6Page - Linear Technology LTC3404_15 Datasheet HTML 7Page - Linear Technology LTC3404_15 Datasheet HTML 8Page - Linear Technology LTC3404_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3404
3404fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3404E is guaranteed to meet performance specifications
from 0
°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3404I is guaranteed to meet
performance specifications over the –40
°C to 85°C operating temperature
range. The LTC3404MP is guaranteed to meet performance specifications
over the –55
°C to 125°C operating temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
TJ = TA + (PD)(150°C/W)
Note 4: The LTC3404 is tested in a feedback loop which servos VFB to the
balance point for the error amplifier (VITH = 1.2V).
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
(Note 4)
4
30
nA
VFB
Regulated Output Voltage
(Note 4) 0
°C ≤ TA ≤ 125°C
0.784
0.8
0.816
V
(Note 4) – 55
°C ≤ TA ≤ 125°C
0.74
0.8
0.84
V
ΔVOVL
Output Overvoltage Lockout
ΔVOVL = VOVL – VFB
20
50
110
mV
ΔVFB
Reference Voltage Line Regulation
VIN = 2.65V to 6V (Note 4)
0.05
0.2
%/V
VLOADREG
Output Voltage Load Regulation
Measured in Servo Loop; VITH = 0.9V to 1.2V
0.1
1
%
Measured in Servo Loop; VITH = 1.5V to 1.2V
– 0.1
– 1
%
VIN
Input Voltage Range
2.65
6
V
IQ
Input DC Bias Current
(Note 5)
Pulse Skipping Mode
2.65V < VIN < 6V, VSYNC/MODE = 0V, IOUT = 0A
400
700
μA
Burst Mode Operation
VSYNC/MODE = VIN, IOUT = 0A
10
15
μA
Shutdown
VRUN = 0V, VIN = 6V
0
1
μA
fOSC
Oscillator Frequency
VFB = 0.8V
1.25
1.4
1.65
MHz
VFB = 0V
200
kHz
fSYNC
SYNC Capture Range
1.0
1.7
MHz
IPLL LPF
Phase Detector Output Current
Sinking Capability
fPLLIN < fOSC
6
20
40
μA
Sourcing Capability
fPLLIN > fOSC
–6
–20
–40
μA
RPFET
RDS(ON) of P-Channel MOSFET
ISW = 100mA
0.7
Ω
RNFET
RDS(ON) of N-Channel MOSFET
ISW = –100mA
0.8
Ω
IPK
Peak Inductor Current
VIN = 3.3V, VFB = 0.7V, Duty Cycle < 35%,
0.4
1.0
1.1
A
TA = 125°C
VIN = 4V, VFB = 0.7V, Duty Cycle < 35%,
0.8
1.2
A
TA = 125°C
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 6V, VIN = 6V
±3
μA
VSYNC/MODE SYNC/MODE Threshold
VSYNC/MODE Rising
0.3
1.5
V
ISYNC/MODE
SYNC/MODE Leakage Current
±1
μA
VRUN
RUN Threshold
VRUN Rising
0.3
1.5
V
IRUN
RUN Input Current
±1
μA
The
denotes specifications which apply over –55
°C to 125°C, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC3404_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3404EMS8 LINER-LTC3404EMS8 Datasheet
241Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
LTC3404EMS8 LINER-LTC3404EMS8 Datasheet
198Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
LTC3404IMS8 LINER-LTC3404IMS8 Datasheet
198Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
LTC3404MPMS8 LINER-LTC3404MPMS8 Datasheet
198Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
More results

Similar Description - LTC3404_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3404IMS8 LINER-LTC3404IMS8 Datasheet
198Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
LTC3404 LINER-LTC3404 Datasheet
241Kb / 16P
   1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
   High efficiency monolithic synchronous step down regulator
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
   HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
   High efficiency monolithic synchronous step down regulator
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
   High Efficiency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com