Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-10MQ100-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-10MQ100-M3
Description  High Performance Schottky Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-10MQ100-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-10MQ100-M3 Datasheet HTML 1Page - Vishay Siliconix VS-10MQ100-M3 Datasheet HTML 2Page - Vishay Siliconix VS-10MQ100-M3 Datasheet HTML 3Page - Vishay Siliconix VS-10MQ100-M3 Datasheet HTML 4Page - Vishay Siliconix VS-10MQ100-M3 Datasheet HTML 5Page - Vishay Siliconix VS-10MQ100-M3 Datasheet HTML 6Page - Vishay Siliconix VS-10MQ100-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-10MQ100-M3
www.vishay.com
Vishay Semiconductors
Revision: 20-Jan-15
1
Document Number: 93365
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Performance Schottky Rectifier, 1 A
FEATURES
• Low forward voltage drop
• Guard ring for enhanced ruggedness and long
term reliability
• Small foot print, surface mountable
• High frequency operation
• Meets MSL level 1, per J-STD-020, LF maximum peak
of 260 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
DESCRIPTION
The VS-10MQ100-M3 surface mount Schottky rectifier has
been designed for applications requiring low forward drop
and very small foot prints on PC boards. Typical
applications are in disk drives, switching power supplies,
converters, freewheeling diodes, battery charging, and
reverse battery protection.
PRODUCT SUMMARY
Package
DO-214AC (SMA)
IF(AV)
1 A
VR
100 V
VF at IF
0.63 V
IRM
1 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
1.0 mJ
Cathode
Anode
DO-214AC (SMA)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
1
A
VRRM
100
V
IFSM
tp = 5 μs sine
120
A
VF
1.5 Apk, TJ = 125 °C
0.68
V
TJ
Range
-55 to +150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-10MQ100-M3
UNITS
Maximum DC reverse voltage
VR
100
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 4
IF(AV)
50 % duty cycle at TL = 126 °C, rectangular waveform
On PC board 9 mm2 island
(0.013 mm thick copper pad area)
1.5
A
50 % duty cycle at TL = 135 °C, rectangular waveform
On PC board 9 mm2 island
(0.013 mm thick copper pad area)
1
Maximum peak one cycle
non-repetitive surge current, TJ = 25 °C
See fig. 6
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated
load condition and with
rated VRRM applied
120
10 ms sine or 6 ms rect. pulse
30
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 0.5 A, L = 8 mH
1.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
0.5
A


Similar Part No. - VS-10MQ100-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10MQ100HM3 VISHAY-VS-10MQ100HM3 Datasheet
128Kb / 6P
   High Performance Schottky Rectifier, 1 A
Revision: 02-Apr-15
VS-10MQ100HM3 VISHAY-VS-10MQ100HM3 Datasheet
135Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10MQ100HM3 VISHAY-VS-10MQ100HM3_V01 Datasheet
135Kb / 6P
   High Performance Schottky Rectifier, 1 A
01-Jan-2022
VS-10MQ100NPBF VISHAY-VS-10MQ100NPBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2.1 A
Revision: 03-Mar-10
VS-10MQ100NPBF VISHAY-VS-10MQ100NPBF_15 Datasheet
126Kb / 7P
   High Performance Schottky Rectifier
Revision: 16-Feb-15
More results

Similar Description - VS-10MQ100-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20MQ060PBF VISHAY-VS-20MQ060PBF Datasheet
117Kb / 7P
   High Performance Schottky Rectifier
Revision: 16-Feb-15
VS-40L15CTSPBF VISHAY-VS-40L15CTSPBF_15 Datasheet
154Kb / 9P
   High Performance Schottky Rectifier
Revision: 24-Jul-14
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF Datasheet
153Kb / 8P
   High Performance Schottky Rectifier
Revision: 28-May-14
VS-47CTQ020SPBF VISHAY-VS-47CTQ020SPBF Datasheet
161Kb / 9P
   High Performance Schottky Rectifier
Revision: 09-Dec-14
VS-MBRS190-M3 VISHAY-VS-MBRS190-M3 Datasheet
125Kb / 8P
   High Performance Schottky Rectifier
Revision: 26-Aug-14
VS-120NQ045PBF VISHAY-VS-120NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 11-May-17
VS-121NQ045PBF VISHAY-VS-121NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 08-May-17
VS-180NQ045PBF VISHAY-VS-180NQ045PBF_17 Datasheet
142Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-242NQ030PBF VISHAY-VS-242NQ030PBF_17 Datasheet
141Kb / 6P
   High Performance Schottky Rectifier, 240 A
Revision: 08-May-17
VS-245NQ015PBF VISHAY-VS-245NQ015PBF_17 Datasheet
144Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
128Kb / 7P
   High Performance Schottky Rectifier
Revision: 23-May-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com