Electronic Components Datasheet Search |
|
VS-10TQ040-N3 Datasheet(PDF) 6 Page - Vishay Siliconix |
|
VS-10TQ040-N3 Datasheet(HTML) 6 Page - Vishay Siliconix |
6 / 8 page Document Number: 95221 For technical questions within your region, please contact one of the following: www.vishay.com Revision: 07-Mar-11 DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com 1 TO-220AC Outline Dimensions Vishay Semiconductors DIMENSIONS in millimeters and inches Notes (1) Dimensioning and tolerancing as per ASME Y14.5M-1994 (2) Lead dimension and finish uncontrolled in L1 (3) Dimension D, D1 and E do not include mold flash. Mold flash shall not exceed 0.127 mm (0.005") per side. These dimensions are measured at the outermost extremes of the plastic body (4) Dimension b1, b3 and c1 apply to base metal only (5) Controlling dimension: inches (6) Thermal pad contour optional within dimensions E, H1, D2 and E1 (7) Dimension E2 x H1 define a zone where stamping and singulation irregularities are allowed (8) Outline conforms to JEDEC TO-220, D2 (minimum) where dimensions are derived from the actual package outline SYMBOL MILLIMETERS INCHES NOTES SYMBOL MILLIMETERS INCHES NOTES MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX. A 4.25 4.65 0.167 0.183 E1 6.86 8.89 0.270 0.350 6 A1 1.14 1.40 0.045 0.055 E2 - 0.76 - 0.030 7 A2 2.56 2.92 0.101 0.115 e 2.41 2.67 0.095 0.105 b 0.69 1.01 0.027 0.040 e1 4.88 5.28 0.192 0.208 b1 0.38 0.97 0.015 0.038 4 H1 6.09 6.48 0.240 0.255 6, 7 b2 1.20 1.73 0.047 0.068 L 13.52 14.02 0.532 0.552 b3 1.14 1.73 0.045 0.068 4 L1 3.32 3.82 0.131 0.150 2 c 0.36 0.61 0.014 0.024 L3 1.78 2.13 0.070 0.084 c1 0.36 0.56 0.014 0.022 4 L4 0.76 1.27 0.030 0.050 2 D 14.85 15.25 0.585 0.600 3 Ø P 3.54 3.73 0.139 0.147 D1 8.38 9.02 0.330 0.355 Q 2.60 3.00 0.102 0.118 D2 11.68 12.88 0.460 0.507 6 90° to 93° 90° to 93° E 10.11 10.51 0.398 0.414 3, 6 13 2 D D1 H1 Q Detail B C A B L e1 Lead tip L4 L3 E E2 Ø P 0.015 A B MM 0.014 A B MM Seating plane c A2 A1 A A A Lead assignments Diodes 1 + 2 - Cathode 3 - Anode Conforms to JEDEC outline TO-220AC (6) (6) (7) (6) (7) View A - A θ E1 (6) D2 (6) H1 Thermal pad E Detail B D L1 D 12 3 C C 2 x b2 2 x b |
Similar Part No. - VS-10TQ040-N3 |
|
Similar Description - VS-10TQ040-N3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |