Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS48CTQ060-1-M3 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS48CTQ060-1-M3
Description  High Performance Schottky Rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS48CTQ060-1-M3 Datasheet(HTML) 7 Page - Vishay Siliconix

  VS48CTQ060-1-M3 Datasheet HTML 1Page - Vishay Siliconix VS48CTQ060-1-M3 Datasheet HTML 2Page - Vishay Siliconix VS48CTQ060-1-M3 Datasheet HTML 3Page - Vishay Siliconix VS48CTQ060-1-M3 Datasheet HTML 4Page - Vishay Siliconix VS48CTQ060-1-M3 Datasheet HTML 5Page - Vishay Siliconix VS48CTQ060-1-M3 Datasheet HTML 6Page - Vishay Siliconix VS48CTQ060-1-M3 Datasheet HTML 7Page - Vishay Siliconix VS48CTQ060-1-M3 Datasheet HTML 8Page - Vishay Siliconix VS48CTQ060-1-M3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 95419
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 04-Oct-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
TO-262
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters and inches
Notes
(1) Dimensioning and tolerancing as per ASME Y14.5M-1994
(2) Dimension D and E do not include mold flash. Mold flash shall
not exceed 0.127 mm (0.005") per side. These dimensions are
measured at the outmost extremes of the plastic body
(3) Thermal pad contour optional within dimension E, L1, D1 and E1
(4) Dimension b1 and c1 apply to base metal only
(5) Controlling dimension: inches
(6) Outline conform to JEDEC TO-262 except A1 (maximum), b
(minimum) and D1 (minimum) where dimensions derived the
actual package outline
SYMBOL
MILLIMETERS
INCHES
NOTES
MIN.
MAX.
MIN.
MAX.
A
4.06
4.83
0.160
0.190
A1
2.03
3.02
0.080
0.119
b
0.51
0.99
0.020
0.039
b1
0.51
0.89
0.020
0.035
4
b2
1.14
1.78
0.045
0.070
b3
1.14
1.73
0.045
0.068
4
c
0.38
0.74
0.015
0.029
c1
0.38
0.58
0.015
0.023
4
c2
1.14
1.65
0.045
0.065
D
8.51
9.65
0.335
0.380
2
D1
6.86
8.00
0.270
0.315
3
E
9.65
10.67
0.380
0.420
2, 3
E1
7.90
8.80
0.311
0.346
3
e
2.54 BSC
0.100 BSC
L
13.46
14.10
0.530
0.555
L1
-
1.65
-
0.065
3
L2
3.56
3.71
0.140
0.146
(4)
(4)
Base
metal
Plating
b1, b3
(b, b2)
c1
c
Section B - B and C - C
Scale: None
Section A - A
(3)
E1
(3)
D1
E
B
A
A
A
c2
c
A1
Seating
plane
Lead tip
(3)
(2) (3)
(2)
A
E
(Datum A)
L1
L2
B
B
C
C
3
2
1
L
D
2 x e
3 x b2
3 x b
0.010
A
B
MM
Modified JEDEC outline TO-262
Lead assignments
Diodes
1. - Anode (two die)/open (one die)
2., 4. - Cathode
3. - Anode


Similar Part No. - VS48CTQ060-1-M3

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
VS4805DS DOINGTER-VS4805DS Datasheet
1Mb / 4P
   Dual P-Channel MOSFET uses advanced trench technology
VS4812DS DOINGTER-VS4812DS Datasheet
1Mb / 5P
   Dual N-Channel MOSFET uses advanced trench technology
logo
Rohm
VS48VLNVWM ROHM-VS48VLNVWM Datasheet
1Mb / 10P
   Transient Voltage Suppressor
2022/02/08_Rev.001
VS48VLNVWMTF ROHM-VS48VLNVWMTF Datasheet
2Mb / 10P
   Transient Voltage Suppressor
2022/02/08_Rev.001
More results

Similar Description - VS48CTQ060-1-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-125NQ015PBF VISHAY-VS-125NQ015PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifiers, 120 A
Revision: 08-May-17
VS-125NQ015PBF VISHAY-VS-125NQ015PBF_V01 Datasheet
148Kb / 6P
   High Performance Schottky Rectifiers, 120 A
01-Jan-2022
VS-48CTQ060S-M3 VISHAY-VS-48CTQ060S-M3_V01 Datasheet
225Kb / 8P
   High Performance Schottky Rectifiers, 2 x 20 A
01-Jan-2022
VS-MBRB30CT-M3 VISHAY-VS-MBRB30CT-M3 Datasheet
770Kb / 8P
   High Performance Schottky Rectifiers, 2 x 15 A
Revision: 03-Mar-14
VS-MBRB30CT-M3 VISHAY-VS-MBRB30CT-M3_V01 Datasheet
231Kb / 8P
   High Performance Schottky Rectifiers, 2 x 15 A
01-Jan-2022
VS-20MQ060PBF VISHAY-VS-20MQ060PBF Datasheet
117Kb / 7P
   High Performance Schottky Rectifier
Revision: 16-Feb-15
VS-40L15CTSPBF VISHAY-VS-40L15CTSPBF_15 Datasheet
154Kb / 9P
   High Performance Schottky Rectifier
Revision: 24-Jul-14
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF Datasheet
153Kb / 8P
   High Performance Schottky Rectifier
Revision: 28-May-14
VS-47CTQ020SPBF VISHAY-VS-47CTQ020SPBF Datasheet
161Kb / 9P
   High Performance Schottky Rectifier
Revision: 09-Dec-14
VS-MBRS190-M3 VISHAY-VS-MBRS190-M3 Datasheet
125Kb / 8P
   High Performance Schottky Rectifier
Revision: 26-Aug-14
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com