Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU807GT0 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # KBU807GT0
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU807GT0 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  KBU807GT0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU807GT0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd KBU807GT0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd KBU807GT0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
18.8
19.8
0.740
0.780
B
4.6
5.6
0.181
0.220
C
D
1.2
1.3
0.047
0.051
E
20.0
-
0.787
-
F
6.8
7.1
0.268
0.280
G
22.7
23.7
0.894
0.933
H
4.6
5.0
0.181
0.197
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1409012
Version: H14
MARKING DIAGRAM
KBU801G thru KBU807G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
8.2 (TYP.)
0.322 (TYP.)
KBU
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vslg=50mVp-p


Similar Part No. - KBU807GT0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU807G TSC-KBU807G Datasheet
54Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
171Kb / 2P
   Single Phase 8.0 AMPS Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
167Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
522Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
189Kb / 2P
   Single Phase 8.0AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU807GT0

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com