Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBU807GT0 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # KBU807GT0
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

KBU807GT0 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  KBU807GT0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd KBU807GT0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd KBU807GT0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd KBU807GT0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction
- Ideal for printed circuit board
- High case dielectric strength
- Typical IR less than 0.1μA
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
I
2t
A
2s
Cj
pF
TJ
OC
TSTG
OC
Document Number: DS_D1409012
Version: H14
KBU
MECHANICAL DATA
Case:
KBU
Mounting torque:
0.56 Nm max.
KBU801G thru KBU807G
Taiwan Semiconductor
Glass Passivated Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Weight:
7.2 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
KBU
801G
KBU
802G
KBU
803G
KBU
804G
KBU
805G
KBU
806G
KBU
807G
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
8
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
200
A
Rating for fusing (t<8.3mS)
166
Maximum instantaneous forward voltage (Note 1)
IF= 4 A
IF= 8 A
VF
1.0
1.1
V
Maximum DC reverse current
TJ=25
oC
at rated DC blocking voltage
TJ=125
oC
IR
5
500
μA
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Note 2: Measured at 1MHz and applied Reverse Voltage of 4.0V D.C.
Typical thermal resistance
RθJC
RθJA
3
18
OC/W
Operating junction temperature range
- 55 to +150
Typical junction capacitance per leg
400
Storage temperature range
- 55 to +150


Similar Part No. - KBU807GT0

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
KBU807G TSC-KBU807G Datasheet
54Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
171Kb / 2P
   Single Phase 8.0 AMPS Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
167Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
522Kb / 2P
   Single Phase 8.0 AMPS. Glass Passivated Bridge Rectifiers
KBU807G TSC-KBU807G Datasheet
189Kb / 2P
   Single Phase 8.0AMPS. Glass Passivated Bridge Rectifiers
More results

Similar Description - KBU807GT0

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com