Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1223M Datasheet(PDF) 11 Page - Linear Technology

Part # LT1223M
Description  100MHz Current Feedback Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223M Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1223M Datasheet HTML 4Page - Linear Technology LT1223M Datasheet HTML 5Page - Linear Technology LT1223M Datasheet HTML 6Page - Linear Technology LT1223M Datasheet HTML 7Page - Linear Technology LT1223M Datasheet HTML 8Page - Linear Technology LT1223M Datasheet HTML 9Page - Linear Technology LT1223M Datasheet HTML 10Page - Linear Technology LT1223M Datasheet HTML 11Page - Linear Technology LT1223M Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1223
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
LT1223 • TA01
BIAS
3
4
6
7
8
1
5
10k
15k
BIAS
2
I
SPLII
F ED S
A
CHE
TIC
APPLICATI
TYPICAL
150mA Output Current Video Amp
75
75
75
75
75
75
75
75
75
LT1223 • TA10
+
LT1223
VIN
IN
LT1010
OUT
V –
V
2k
+
75
20
V+
V –
2k
BIAS
R = 2k TO STABILIZE CIRCUIT
DIFFERENTIAL GAIN = 1%
DIFFERENTIAL PHASE = 1°
f


Similar Part No. - LT1223M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1223MJ8 LINER-LT1223MJ8 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
More results

Similar Description - LT1223M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2120 INTERSIL-EL2120 Datasheet
496Kb / 12P
   100MHz Current Feedback Amplifier
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
   100MHz Current Feedback Amplifier
HA-5004 INTERSIL-HA-5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
January 1999
logo
Harris Corporation
HA5004 HARRIS-HA5004 Datasheet
503Kb / 8P
   100MHz Current Feedback Amplifier
logo
Linear Technology
LT1223 LINER-LT1223_15 Datasheet
257Kb / 16P
   100MHz Current Feedback Amplifier
LT1223 LINER-LT1223_05 Datasheet
248Kb / 16P
   100MHz Current Feedback Amplifier
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com