Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL5817 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # LL5817
Description  Surface Mount Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

LL5817 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  LL5817 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd LL5817 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd LL5817 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd LL5817 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
MinMax
MinMax
A
4.80
5.50
0.189
0.217
B
2.25
2.67
0.089
0.105
C
0.30
0.60
0.012
0.024
`
C
G
X
X1
Y
Document Number: DS_S1412010
Version: F14
Note 1: "x" defines voltage from 20V (LL5817) to 40V (LL5819)
LL5817 thru LL5819
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PART NO. SUFFIX
(Note 2)
PACKING CODE
PACKING CODE
SUFFIX
-xx
PACKAGE
Note 2: Part No. Suffix „-xx “ would be used for special requirement
EXAMPLE
PREFERRED P/N
PART NO. SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
PACKING
4.80
0.189
PACKAGE OUTLINE DIMENSIONS
MELF
DIM.
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
0.130
1.50
0.059
6.30
0.248
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
2.70
0.106
LL581x
(Note 1)
5,000 / 13" Reel
MELF
G
L0
3.30
Multiple manufacturer
sources
L0
LL5817
LL5817 L0
Defined manufacturer
source,
Green compound
G
L0
-J0
LL5817
LL5817-J0 L0


Similar Part No. - LL5817

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
LL5817 TSC-LL5817 Datasheet
62Kb / 2P
   1.0 AMP. Surface Mount Schottky Barrier Rectifiers
LL5817 TSC-LL5817 Datasheet
273Kb / 2P
   1.0AMP. Surface Mount Schottky Barrier Rectifiers
logo
Jinan Jingheng (Group) ...
LL5817 JINANJINGHENG-LL5817 Datasheet
73Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
RFE international
LL5817 RFE-LL5817 Datasheet
111Kb / 1P
   SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
logo
EIC discrete Semiconduc...
LL5817 EIC-LL5817 Datasheet
39Kb / 2P
   SCHOTTKY BARRIER
More results

Similar Description - LL5817

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com