Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1211MJ8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1211MJ8
Description  14MHz, 7V/us, Single Supply Dual and Quad Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1211MJ8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1211MJ8 Datasheet HTML 7Page - Linear Technology LT1211MJ8 Datasheet HTML 8Page - Linear Technology LT1211MJ8 Datasheet HTML 9Page - Linear Technology LT1211MJ8 Datasheet HTML 10Page - Linear Technology LT1211MJ8 Datasheet HTML 11Page - Linear Technology LT1211MJ8 Datasheet HTML 12Page - Linear Technology LT1211MJ8 Datasheet HTML 13Page - Linear Technology LT1211MJ8 Datasheet HTML 14Page - Linear Technology LT1211MJ8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1211/LT1212
200ns/DIV
VS = 5V
AV = 1
1211/12 G31
5V Settling
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
±15V Small-Signal Response
100ns/DIV
VS = ±15V
AV = 1
1211/12 G28
5V Small-Signal Response
100ns/DIV
VS = 5V
AV = 1
1211/12 G25
Settling Time to 0.01%
vs Output Step
2
µs/DIV
VS = ±15V
AV = –1
RF = RG = 1k
1211/12 G30
10V
0V
–10V
±15V Large-Signal Response
3V
0V
500ns/DIV
VS = 5V
AV = –1
RF = RG = 1k
CF = 20pF
1211/12 G27
5V Large-Signal Response
10V
0V
–10V
2
µs/DIV
VS = ±15V
AV = 1
1211/12 G29
±15V Large-Signal Response
3V
0V
500ns/DIV
VS = 5V
AV = 1
1211/12 G26
5V Large-Signal Response
500ns/DIV
VS = ±15V
AV = –1
1211/12 G32
±15V Settling
SETTLING TIME (
µs)
0.5
1.0
2.0
1211/12 G33
10
8
6
4
2
0
–2
–4
–6
–8
–10
2.5
INVERTING
VS = ±15V
1.5
NONINVERTING
NONINVERTING
INVERTING


Similar Part No. - LT1211MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1211 LINER-LT1211_15 Datasheet
390Kb / 20P
   14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
More results

Similar Description - LT1211MJ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1211 LINER-LT1211_15 Datasheet
390Kb / 20P
   14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
LT1212 LINER-LT1212_15 Datasheet
390Kb / 20P
   14MHz, 7V/s, Single Supply Dual and Quad Precision Op Amps
LT1213 LINER-LT1213 Datasheet
394Kb / 16P
   28MHz, 12V/us, Single Supply Dual and Quad Precision Op Amps
LT1215 LINER-LT1215 Datasheet
363Kb / 20P
   23MHz, 50V/us, Single Supply Dual and Quad Precision Op Amps
LT1492 LINER-LT1492 Datasheet
361Kb / 16P
   5MHz, 3V/us, Low Power Single Supply, Dual and Quad Precision Op Amps
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com