Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-10BQ030PBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-10BQ030PBF
Description  High Performance Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-10BQ030PBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-10BQ030PBF_15 Datasheet HTML 1Page - Vishay Siliconix VS-10BQ030PBF_15 Datasheet HTML 2Page - Vishay Siliconix VS-10BQ030PBF_15 Datasheet HTML 3Page - Vishay Siliconix VS-10BQ030PBF_15 Datasheet HTML 4Page - Vishay Siliconix VS-10BQ030PBF_15 Datasheet HTML 5Page - Vishay Siliconix VS-10BQ030PBF_15 Datasheet HTML 6Page - Vishay Siliconix VS-10BQ030PBF_15 Datasheet HTML 7Page - Vishay Siliconix VS-10BQ030PBF_15 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VS-10BQ030PbF
www.vishay.com
Vishay Semiconductors
Revision: 19-May-14
4
Document Number: 94111
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
LINKS TO RELATED DOCUMENTS
Dimensions
Part marking information
www.vishay.com/doc?95029
Packaging information
Tape and reel
www.vishay.com/doc?95034
Bulk
www.vishay.com/doc?95397
2
-
Current rating
3
-
B = single lead diode
4
-
Q = Schottky “Q” series
5
-
Voltage rating (030 = 30 V)
6
-
None = box (1000 pieces)
TR = tape and reel (3000 pieces)
-
PbF = lead (Pb)-free
7
Device code
5
1
3
2
4
6
7
VS-
10
B
Q
030
TR
PbF
1
-
Vishay Semiconductors product


Similar Part No. - VS-10BQ030PBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10BQ030PBF VISHAY-VS-10BQ030PBF Datasheet
109Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 03-Mar-10
More results

Similar Description - VS-10BQ030PBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20MQ060PBF VISHAY-VS-20MQ060PBF Datasheet
117Kb / 7P
   High Performance Schottky Rectifier
Revision: 16-Feb-15
VS-40L15CTSPBF VISHAY-VS-40L15CTSPBF_15 Datasheet
154Kb / 9P
   High Performance Schottky Rectifier
Revision: 24-Jul-14
VS-19TQ015SPBF VISHAY-VS-19TQ015SPBF Datasheet
153Kb / 8P
   High Performance Schottky Rectifier
Revision: 28-May-14
VS-47CTQ020SPBF VISHAY-VS-47CTQ020SPBF Datasheet
161Kb / 9P
   High Performance Schottky Rectifier
Revision: 09-Dec-14
VS-MBRS190-M3 VISHAY-VS-MBRS190-M3 Datasheet
125Kb / 8P
   High Performance Schottky Rectifier
Revision: 26-Aug-14
VS-120NQ045PBF VISHAY-VS-120NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 11-May-17
VS-121NQ045PBF VISHAY-VS-121NQ045PBF_17 Datasheet
140Kb / 6P
   High Performance Schottky Rectifier, 120 A
Revision: 08-May-17
VS-180NQ045PBF VISHAY-VS-180NQ045PBF_17 Datasheet
142Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-242NQ030PBF VISHAY-VS-242NQ030PBF_17 Datasheet
141Kb / 6P
   High Performance Schottky Rectifier, 240 A
Revision: 08-May-17
VS-245NQ015PBF VISHAY-VS-245NQ015PBF_17 Datasheet
144Kb / 6P
   High Performance Schottky Rectifier
Revision: 08-May-17
VS-15MQ040NPBF VISHAY-VS-15MQ040NPBF Datasheet
128Kb / 7P
   High Performance Schottky Rectifier
Revision: 23-May-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com