Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-30BQ100PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-30BQ100PBF
Description  Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30BQ100PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-30BQ100PBF_15 Datasheet HTML 1Page - Vishay Siliconix VS-30BQ100PBF_15 Datasheet HTML 2Page - Vishay Siliconix VS-30BQ100PBF_15 Datasheet HTML 3Page - Vishay Siliconix VS-30BQ100PBF_15 Datasheet HTML 4Page - Vishay Siliconix VS-30BQ100PBF_15 Datasheet HTML 5Page - Vishay Siliconix VS-30BQ100PBF_15 Datasheet HTML 6Page - Vishay Siliconix VS-30BQ100PBF_15 Datasheet HTML 7Page - Vishay Siliconix VS-30BQ100PBF_15 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94181
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 04-Mar-10
3
VS-30BQ100PbF
Schottky Rectifier, 3 A
Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics (Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
0.1
1
10
VFM - Forward Voltage Drop (V)
0.2
0.8
1.2
1
0.4
0
0.6
T
J = 175 °C
T
J = 125 °C
T
J = 25 °C
0.001
0.0001
0.00001
1
0.1
0.01
10
VR - Reverse Voltage (V)
20
40
60
80
0
100
T
J = 175 °C
T
J = 125 °C
T
J = 100 °C
T
J = 50 °C
T
J = 75 °C
T
J = 25°C
T
J = 150 °C
10
100
1000
VR - Reverse Voltage (V)
20
40
60
0
T
J = 25 °C
0.1
1
10
100
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
100
10
Single pulse
(thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - VS-30BQ100PBF_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30BQ100PBF VISHAY-VS-30BQ100PBF_V01 Datasheet
111Kb / 7P
   Schottky Rectifier, 3 A
02-Oct-12
More results

Similar Description - VS-30BQ100PBF_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com