Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1170CQ Datasheet(PDF) 2 Page - Linear Technology

Part # LT1170CQ
Description  100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1170CQ Datasheet(HTML) 2 Page - Linear Technology

  LT1170CQ Datasheet HTML 1Page - Linear Technology LT1170CQ Datasheet HTML 2Page - Linear Technology LT1170CQ Datasheet HTML 3Page - Linear Technology LT1170CQ Datasheet HTML 4Page - Linear Technology LT1170CQ Datasheet HTML 5Page - Linear Technology LT1170CQ Datasheet HTML 6Page - Linear Technology LT1170CQ Datasheet HTML 7Page - Linear Technology LT1170CQ Datasheet HTML 8Page - Linear Technology LT1170CQ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LT1170/LT1171/LT1172
*
θ will vary from
approximately
25
°C/W with 2.8
sq. in. of 1oz.
copper to 45
°C/W
with 0.20 sq. in. of
1oz. copper.
Somewhat lower
values can be
obtained with
additional copper
layers in multilayer
boards.
LT1172MJ8
LT1172CJ8
LT1172CN8
LT1172IN8
LT1172CS8
LT1172IS8
S8 PART MARKING
Supply Voltage
LT1170/71/72HV (Note 2) .................................. 60V
LT1170/71/72 (Note 2) ....................................... 40V
Switch Output Voltage
LT1170/71/72HV ................................................ 75V
LT1170/71/72 ..................................................... 65V
LT1172S8 ........................................................... 60V
Feedback Pin Voltage (Transient, 1ms) ................
±15V
Storage Temperature Range ............... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
ORDER PART
NUMBER
TJMAX = 100°C, θJA = *°C/W
LT1170CQ
LT1170IQ
LT1171CQ
LT1171IQ
TJMAX
θJC
θJA
LT1170MK
150
°C2°C/W
35
°C/W
LT1170CK
100
°C2°C/W
35
°C/W
LT1171MK
150
°C4°C/W
35
°C/W
LT1171CK
100
°C4°C/W
35
°C/W
LT1172MK
150
°C8°C/W
35
°C/W
LT1172CK
150
°C8°C/W
35
°C/W
Based on continuous operation.
TJMAX = 125°C for intermittent fault conditions.
LT1170MK
LT1170CK
LT1171MK
LT1171CK
LT1172MK
LT1172CK
TJMAX = 150°C, θJA = 100°C/W (J)
TJMAX = 100°C, θJA = 100°C/W (N)
TJMAX = 100°C, θJA = 120°C/W to 150°C/W
depending on board layout (S)
1172
N8 PACKAGE
8-LEAD PDIP
1
2
3
4
8
7
6
5
TOP VIEW
GND
VC
FB
NC*
E2
VSW
E1
VIN
J8 PACKAGE
8-LEAD CERDIP
S8 PACKAGE
8-LEAD PLASTIC SO
* Do not connect Pin 4 of the LT1172 DIP or SO to external
circuitry. This pin may be active in future revisions.
Operating Junction Temperature Range
LT1170/71/72M ......................... – 55
°C to 150°C
LT1170/71/72HVC,
LT1170/71/72C (Oper.) .............. 0
°C to 100°C
LT1170/71/72HVC
LT1170/71/72C (Sh. Ckt.) .......... 0
°C to 125°C
LT1170/71/72HVI,
LT1170/71/72I (Oper.) .......... – 40
°C to 100°C
LT1170/71/72HVI,
LT1170/71/72I (Sh. Ckt.) ...... – 40
°C to 125°C
(Note 1)
TJMAX
θJC
θJA
LT1170CT/LT1170HVCT
100
°C2°C/W
75
°C/W
LT1171CT/LT1171HVCT
100
°C4°C/W
75
°C/W
LT1172CT/LT1172HVCT
100
°C8°C/W
75
°C/W
Based on continuous operation.
TJMAX = 125°C for intermittent fault conditions.
LT1170CT
LT1170IT
LT1170HVCT
LT1170HVIT
LT1171CT
LT1171IT
LT1171HVCT
LT1172CT
LT1172HVCT
TJMAX = 100°C, θJA = 150°C/W
Based on continuous operation.
TJMAX = 125°C for intermittent fault conditions.
LT1172CSW
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
2
4
1
3
VSW
VC
FB
CASE
IS GND
VIN
K PACKAGE
4-LEAD TO-3 METAL CAN
BOTTOM VIEW
Q PACKAGE
5-LEAD DD
VIN
VSW
GND
FB
VC
FRONT VIEW
5
4
3
2
1
ORDER PART
NUMBER
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO WIDE
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
NC
GND
VC
FB
NC
NC
NC
NC
NC
E2
VSW
E1
VIN
NC
NC
T PACKAGE
5-LEAD PLASTIC TO-220
VIN
VSW
GND
FB
VC
FRONT VIEW
5
4
3
2
1
1172I
LT1171HVCQ
LT1172CQ
LT1172HVIQ
C
I
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS


Similar Part No. - LT1170CQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170HV LINER-LT1170HV Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
More results

Similar Description - LT1170CQ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
logo
Unisonic Technologies
P2172 UTC-P2172_15 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
P2172 UTC-P2172 Datasheet
180Kb / 7P
   100KHZ, 1.25A HIGH EFFICIENCY SWITCHING REGULATORS
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070 Datasheet
314Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
logo
Micrel Semiconductor
MIC2172 MICREL-MIC2172_05 Datasheet
158Kb / 17P
   100kHz 1.25A Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com